Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 385 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 385 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 381Page - PMC-Sierra, Inc PM5313 Datasheet HTML 382Page - PMC-Sierra, Inc PM5313 Datasheet HTML 383Page - PMC-Sierra, Inc PM5313 Datasheet HTML 384Page - PMC-Sierra, Inc PM5313 Datasheet HTML 385Page - PMC-Sierra, Inc PM5313 Datasheet HTML 386Page - PMC-Sierra, Inc PM5313 Datasheet HTML 387Page - PMC-Sierra, Inc PM5313 Datasheet HTML 388Page - PMC-Sierra, Inc PM5313 Datasheet HTML 389Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
353
Register 0195H: SPTB Path Signal Label Control and Status:
Bit
Type
Function
Default
Bit 7
R/W
RPSLUIE
0
Bit 6
R/W
RPSLMIE
0
Bit 5
R/W
UNEQIE
0
Bit 4
R/W
PSLMODE
0
Bit 3
R
RPSLUI
X
Bit 2
R
RPSLUV
X
Bit 1
R
RPSLMI
X
Bit 0
R
RPSLMV
X
This register reports the path signal label status of the SPTB.
RPSLMV:
The receive path signal label mismatch status bit (RPSLMV) is dependent on
the PSL Mode. In Mode 1, this bit reports the match/mismatch status between
the expected and the accepted path signal label. RPSLMV is set high when
the accepted PSL differs from the expected PSL written by the
microprocessor. PSLMV is set low when the accepted PSL matches the
expected PSL. In Mode 2, this bit reports the match/mismatch status between
the expected and the received path signal label. RPSLMV is set high when
the received PSL differs from the expected PSL written by the
microprocessor. PSLMV is set low when the accepted PSL matches the
expected PSL.
RPSLMI:
The receive path signal label mismatch interrupt status bit (RPSLMI) is set
high when the match/mismatch (RPSLMV) status between the accepted and
the expected path signal label changes state. The setting of this bit is
dependent on the unstable status (RPSLMV) which is dependent on the PSL
Mode. This bit (and the interrupt) is cleared when this register is read.
RPSLUV:
The receive path signal label unstable status bit (RPSLUV) is independent on
the PSL Mode. This bit reports the stable/unstable status of the path signal
label in the receive stream. RPSLUV is set high when 5 labels that differ from
its immediate predecessor is received. RPSLUV is set low and the unstable
label count is reset when 5 consecutive identical labels are received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com