Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 603 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 603 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 599Page - PMC-Sierra, Inc PM5313 Datasheet HTML 600Page - PMC-Sierra, Inc PM5313 Datasheet HTML 601Page - PMC-Sierra, Inc PM5313 Datasheet HTML 602Page - PMC-Sierra, Inc PM5313 Datasheet HTML 603Page - PMC-Sierra, Inc PM5313 Datasheet HTML 604Page - PMC-Sierra, Inc PM5313 Datasheet HTML 605Page - PMC-Sierra, Inc PM5313 Datasheet HTML 606Page - PMC-Sierra, Inc PM5313 Datasheet HTML 607Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
571
17 D.C. CHARACTERISTICS
Ta = -40°C to +85°C, VDD = 3.3V ± 5%, VDD < BIAS < 5.5V
(Typical Conditions: Ta = 25°C, VDD = 3.3V, VBIAS = 5V)
Table 26
-D.C Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
VDD
Power Supply
3.14
3.3
3.47
Volts
BIAS
5V Tolerant Bias
VDD
5.0
5.5
Volts
VIL
Input Low
Voltage
0
1.2
0.8
Volts Guaranteed Input
Low voltage.
VIH
Input High
Voltage
2.0
Volts Guaranteed Input
High voltage.
VOL
Output or Bi-
directional Low
Voltage
0.2
0.4
Volts Guaranteed output
Low voltage at
VDD=3.13V and
IOL=maximum rated
for pad.
VOH
Output or Bi-
directional High
Voltage
2.4
2.6
Volts Guaranteed output
High voltage at
VDD=3.13V and
IOH=maximum rated
current for pad.
VT+
Reset Input
High Voltage
2.0
Volts Applies to RSTB
and TRSTB only.
VT-
Reset Input Low
Voltage
0.8
Volts Applies to RSTB
and TRSTB only.
VTH
Reset Input
Hysteresis
Voltage
0.3
Volts Applies to RSTB
and TRSTB only.
VPECLI-
Input PECL Low
Differential
Voltage
VPECL
- 1.810
VPECL
- 1.700
VPECL
- 1.470
Volts Applies to PECL
inputs REFCLK+/-,
RXD+/-, RRCLK+/-
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com