Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 605 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 605 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 601Page - PMC-Sierra, Inc PM5313 Datasheet HTML 602Page - PMC-Sierra, Inc PM5313 Datasheet HTML 603Page - PMC-Sierra, Inc PM5313 Datasheet HTML 604Page - PMC-Sierra, Inc PM5313 Datasheet HTML 605Page - PMC-Sierra, Inc PM5313 Datasheet HTML 606Page - PMC-Sierra, Inc PM5313 Datasheet HTML 607Page - PMC-Sierra, Inc PM5313 Datasheet HTML 608Page - PMC-Sierra, Inc PM5313 Datasheet HTML 609Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
573
IDDOP3
Maxinum
Utilization in
80MHz. See
Case3 in Note
990
1140
mA
IDDOP (max),VDD =
3.47V
IDDOP (typical),VDD =
3.30V
Outputs Unloaded
IDDOP4
Typical Serial
Utilization in
20MHz . See
Case4 in Note
920
990
mA
IDDOP (max),VDD =
3.47V
IDDOP (typical),VDD =
3.30V
Outputs Unloaded
IDDOP5
Typical Parallel
Utilization in
20MHz. See
Case5 in Note
930
1000
mA
IDDOP (max),VDD =
3.47V
IDDOP (typical),VDD =
3.30V
Outputs Unloaded
IDDOP6
Maxinum
Utilization in
20MHz. See
Case6 in Note
1060
1200
mA
IDDOP (max),VDD =
3.47V
IDDOP (typical),VDD =
3.30V
Outputs Unloaded
Notes on D.C. Characteristics:
1. Input pin or bi-directional pin with internal pull-up resistor.
2. Input pin or bi-directional pin without internal pull-up resistor
3. Negative currents flow into the device (sinking), positive currents flow out of
the device (sourcing).
4. List of the different configurations used for IDDOP measurements
ADD BUS
DROP BUS
Case
Setup
Freq.
(MHz)
ABC
IDDQ
Mode
DS3
Telecom
DS3
Telecom
Output
Mode
1
Typical Serial
Utilization
80
OFF
OFF
ON
OFF
ON
SERIAL
2
Typical Parallel
Utilization
80
OFF
OFF
ON
OFF
ON
PARALLEL
3
Maxinum
Utilization
80
OFF
OFF
ON
ON
ON
PARALLEL
4
Typical Serial
Utilization
20
OFF
OFF
ON
OFF
ON
SERIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com