Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 148 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 148 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 144Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 145Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 146Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 147Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 148Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 149Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 150Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 151Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 152Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
132
10.1.23
Register 0x20 (0x080): TLOP Control
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
Unused
X
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
FERF
0
FERF:
The FERF bit controls the insertion of line far end receive failure (FERF). When
FERF is set to logic one, the TLOP inserts line FERF into the transmit SONET
stream. Line FERF is inserted by transmitting the code 110 in bit positions 6, 7,
and 8 of the K2 byte of the transmit stream.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com