Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 122 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 122 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 126Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 462 page
background image
Chapter 4 BIU Module
4-22
Figure 4.3.7 I/O Access to Card
The PCMCIA specification provides for a WAIT* signal that allows the Card to halt the bus cycle
until the WAIT* signal is de-asserted. This allows the Card to control the access time. The WAIT*
signal will assert at the beginning of the cycle and the cycle should not terminate until the WAIT* signal
becomes de-asserted. There are separate WAIT* signals provided for each Card: WAIT2* and WAIT1*.
The WAIT* signals are sampled on two consecutive rising edges of CLK. If the WAIT* signal is low,
the access time counter will freeze until the WAIT* signal goes high. This function will only occur if
the WAIT function is enabled using the CARDxWAITEN control bit. If the WAIT function is not
enabled, the WAIT* signal is ignored. Figure 4.3.6 shows the timing for Card WAIT accesses.
Figure 4.3.8 Card Wait Timing
DCLKOUT
ALE
A[12:0]
D[31:16]
CARDxCSH*/L*
RD*
4
×CARDxIOACCVAL–4
4
×CARDxIOACCVAL–4
WE*
CARDDIR*
CARDDREG
IORD*
IOWR*
DCLKOUT
ALE
A[12:0]
D[31:16]
CARDxCS*
RD*
WAITx*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com