Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 125 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 125 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 129Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 462 page
background image
Chapter 4 BIU Module
4-25
4.4.2
DRAM and SDRAM Configurations
Table 4.4.2 shows the various combinations of DRAM and SDRAM chips that are supported. Bank 1
and Bank 0 are independently programmable so each can contain any of the combinations. The only
restriction is that Bank 1 cannot contain SDRAM if Bank 0 contains DRAM.
Table 4.4.2 Supported DRAM and SDRAM Configurations
ROW
COL
Memory Size
Memory Type
# of Chips
18, 17:9
18, 8:1
256 K
× 16
4-Mbit DRAM
1
× 256 K × 16
20, 19, 17:9
20, 18, 8:1
1 M
× 16
16-Mbit DRAM
1
× 1 M × 16
18, 20, 19, 17:9
8:1
1 M
× 16
16-Mbit DRAM
1
× 1 M × 16
22, 21, 19, 17:9
22, 20, 18, 8:1
4 M
× 16
64-Mbit DRAM
1
× 4 M × 16
19, 17:9
19, 18, 8:2
256 K
× 32
4-Mbit DRAM
2
× 256 K × 16
19, 17:9
20, 18, 8:2
512 K
× 32
4-Mbit DRAM
4
× 512 K × 8
21, 19, 17:9
21, 20, 18, 8:2
1 M
× 32
16-Mbit DRAM
2
× 1 M × 16
18, 20, 19, 17:9
21, 8:2
1 M
× 32
16-Mbit DRAM
2
× 1 M × 16
22, 21, 19, 17:9
22, 20, 18, 8:2
2 M
× 32
16-Mbit DRAM
4
× 2 M × 8
23, 21, 19, 17:9
23, 22, 20, 18, 8:2
4 M
× 32
64-Mbit DRAM
2
× 4 M × 16
23, 21, 19, 17:9
24, 22, 20, 18, 8:2
8 M
× 32
64-Mbit DRAM
4
× 8 M × 8
18, 20, 19, 17:9
18,
φ, X, 8:0
2 M
× 8
16-Mbit SDRAM
1
× 2 M × 8
22, 18, 20, 19, 17:9
22, X,
φ, 21, 8:0
8 M
× 8
64-Mbit SDRAM
1
× 8 M × 8
18, 20, 19, 17:9
18,
φ, X, X, 8:1
1 M
× 16
16-Mbit SDRAM
1
× 1 M × 16
18, 20, 19, 17:9
18,
φ, X, 21, 8:1
2 M
× 16
16-Mbit SDRAM
2
× 2 M × 8
22, 18, 20, 19, 17:9
22, X,
φ, X, 21, 8:1
4 M
× 16
64-Mbit SDRAM
1
× 4 M × 16
22, 18, 20, 19, 17:9
22, X,
φ, 23, 21, 8:1
8 M
× 16
64-Mbit SDRAM
2
× 8 M × 8
22, 18, 20, 19, 17:9
X,
φ, X, 8:0
8 M
× 8
64-Mbit SDRAM
1
× 8 M × 8
22, 18, 20, 19, 17:9
22, X,
φ, X, X, 8:1
4 M
× 16
64-Mbit SDRAM
1
× 4 M × 16
*1
22, 18, 20, 19, 17:9
22, X,
φ, 23, X, 8:1
8 M
× 16
64-Mbit SDRAM
2
× 8 M × 8
*1, *2
*1
Four-bank SDRAM
*2
When TMPR3911/12 and SDRAM are connected, A[8] and A[9] must be swapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com