Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 462 page
background image
Chapter 4 BIU Module
4-29
4.4.4
SDRAM
(1) SDRAM
SDRAM devices are supported in Bank 1 and Bank 0. Each Bank can independently be configured to
support either 16-bit or 8-bit SDRAMs. Bank 1 uses RAS1* as the chip select for the SDRAM and
Bank 0 uses DCS0*. All other control signals are shared between the two banks.
The clock for the SDRAM devices is the DCLKOUT signal which nominally runs at the clock twice
the rate of the CLK signal. Reads from the SDRAMs occur on every DCLKOUT cycle, such that the
reading of all 32 bits for 16-bit SDRAMs can happen within a single CLK cycle. A 16-bit SDRAM
configuration provides the maximum memory bandwidth and once a read cycle begins, the CPU will
not stall since 32 bits are read on each cycle. All 8-bit SDRAMs require 2 CLK cycles to read 32 bits of
data. During a burst read the SDRAM devices are kept in page mode for the entire read cycle.
The SDRAM devices are also kept in page mode during in-page write cycles. All 16-bit SDRAMs
can keep up at 32 bits per CLK cycle, which can provide a long write block without stalling the CPU.
All 8-bit SDRAMs require twice the number of cycles. Tri, Half-Word and Byte writes are supported to
the SDRAM devices using the DQMH and DQML signals. These signals provide a data mask so that
only the desired bytes will be written. DQMH is used for the upper 8 bits in a 16-bit SDRAM
configuration and DQML is used for the lower 8 bits. For 8-bit SDRAMs only DQML is used. The data
mask signals DQMH and DQML are required because the SDRAM is setup to always read or write 32
bits of data at a time. The data mask signals will “mask out” the bytes that should not be written during
partial Word stores.
(2) SDRAM Initialization
Prior to accessing an SDRAM device, an initialization procedure must be followed. First, all Memory
Configuration Registers must be properly initialized for the chosen SDRAM and bus configuration.
Next, after a pause of at least 200
µs after power is applied to the SDRAM, a command must be sent to
precharge the SDRAM banks. The command is sent by writing to the SDRAM Bank 1 and/or Bank 0
Mode Register address with Data[31] set high when the TMPR3911/12 is mapped as big endian, or with
Data[7] set high when the TMPR3911/12 is mapped as little endian. Setting this bit will cause a
Precharge All command to be sent to the SDRAM instead of writing to the Mode Register. Next, the
Mode Register must be properly initialized. Finally, refresh should be enabled and at least 8 refresh
cycles must occur prior to reading or writing from or to the SDRAM.
(3) SDRAM Mode Register
An SDRAM contains a write-only Mode Register that defines the parameters for accessing the
device. The mode register must be initialized prior to reading or writing from the SDRAM. They can be
written via the SDRAM Bank 1 and SDRAM Bank 0 addresses as shown in the System Address Map.
When writing to the mode register, the data from the CPU Interface on Data[12:0] (Data[20:16, 31:24])
is placed on A[12:0], and Data[31] (Data[7]) must be a zero when the TMPR3911/12 is mapped as big
endian (little endian). This is done because the Mode Register receives its data on the address bus
instead of the data bus. The SDRAM should be configured for the following settings: Burst Length
= 4
(for 8-bit SDRAM) or Burst Length
= 2 (for 16-bit SDRAM), CAS Latency = 3, Burst Type =
Sequential, Write Mode = Burst Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com