Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 133 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 133 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 137Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 462 page
background image
Chapter 4 BIU Module
4-33
4.5.3
Watch Dog Timer
The Watch Dog Timer prevents accesses to reserved memory locations from hanging the BIU. The
Watch Dog Timer consists of a 10-bit down-counter whose initial value is determined by the
WATCHTIMEVAL[3:0]
control
bits
in
the
Memory
Configuration
4
Register.
The
WATCHTIMEVAL[3:0] control bits are loaded into the upper 4 bits of the 10-bit counter and the lower
6 bits are loaded with $3F. The counter uses the CLK signal to count. The Watch Dog Timer rate is
determined by the following equation:
Watch Dog Timer Rate
=
1)
(
CLK
f
64
1)
0]
:
VAL[3
(WATCHTIME
*
*
+
*1fCLK is the frequency of the CLK signal and is ×4 the frequency of SYSCLK (that is,
when SYSCLK is 9.216 MHz, fCLK is 36.864 MHz (*2); when SYSCLK is 11.520
MHz, fCLK is 46.08 MHz.
*2
Note that these valve is the case that the RF function is not used. Therefore, In
case of TMPR3911, fCLK is a half of this valve, which means 18.432 MHz
The Watch Dog Timer is enabled using the ENWATCH control bit in the Memory Configuration 4
Register. When enabled, the counter will load whenever the CPU Interface asserts the Start signal to
begin a memory transaction. If the Watch Dog Timer reaches a count of zero before the Memory State
Machine asserts the Ack signal, the BusError signal is asserted to end the memory transaction. There
are two possible ways that this can occur. First, if the address provided by the CPU interface to the
Address Decoder is pointing to any of the reserved locations or to any of the chip selects that are not
enabled, then the Memory State Machine will not respond with an Ack. Secondly, if the WAIT function
is enabled to Card 2 or Card 1, then the WAIT2* or WAIT1* signals must de-assert before the Watch
Dog Timer reaches a count of zero, otherwise the BusError signal will be asserted and the Card access
will be aborted.
4.5.4
Memory Power Down
The memory interface is powered down whenever the MEMPOWERDOWN control bit is set in the
Memory Configuration 4 Register. When this bit is set, the Halt signal will be asserted to the CPU
Interface, the DRAM and/or SDRAM will be placed into self refresh mode, and all memory interface
signals will be driven low. The memory interface will wake up whenever the CPU Interface asserts the
HaltCycle signal and the address defined by the Addr[31:2] bits correspond to an address other than
internal function registers. When the memory interface wakes up, the DRAM and/or SDRAM are taken
out of self refresh mode and the Halt signal is de-asserted to allow the CPU Interface to launch memory
transactions. Figure 4.5.1 and Figure 4.5.2 show timing for the wake-up and power-down of the
memory interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com