Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 131 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 131 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 135Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 462 page
background image
Chapter 4 BIU Module
4-31
Figure 4.4.6 Word Read and Write to 16-Bit SDRAM
Figure 4.4.7 4-Word Burst Read and Byte Write to 16-Bit SDRAM
(6) Support of Four-Bank SDRAM (only by TMPR3911BU/BXB and TMPR3912XB-92/AU-92)
The TMPR3912XB-92/AU-92 supports four-bank SDRAM. When DRAM banks 0 and 1 are 16-bit
SDRAM, Addr[21] is output from the CAS2* pin.
Also, by setting ROW and COL as follows,
Addr[22] can be output from the A[12] pin.
ROW: 22, 18, 20, 19, 17:9 (ROWSEL
= 01)
COL:
22, X,
φ, X, X, 8:1 (COLSEL = 1000)
The CAS2* pin (Addr[21]) and A[12] pin (Addr[22]) can be connected to the four-bank SDRAM
bank select pin so that the CAS2* and A[12] pins are used for the bank select signal.
DCLKOUT
A[12:0]
D[7:0]
DCS0/1*
RAS*
CAS*
WE*
ROW
ROW
COLUMN
COLUMN
32-bit
32-bit
WRITE
DQMH
DQML
DCKE
DCLKOUT
A[12:0]
D[7:0]
DCS0/1*
RAS*
CAS*
WE*
ROW
COL
COLUMN
4 WORD BURST READ
BYTE
WRITE
DQMH
DQML
DCKE
COL COL
ROW
COLUMN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com