Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 134 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 134 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 138Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 462 page
background image
Chapter 4 BIU Module
4-34
Figure 4.5.1 Memory Interface Wake-Up
Figure 4.5.2 Memory Interface Power Down
When the memory interface is powered down all memory signals are driven low. The order in which
they are driven low is important because DRAM devices enter self refresh mode by asserting CAS*
before RAS*, and SDRAM devices enter self refresh mode by de-asserting DCKE while DCS0* and/or
RAS1*, RAS0* and CAS0* are asserted with WE* not asserted. Once the SDRAM enters self refresh
mode, DCLKOUT can be turned off. The ordering makes it possible to put both DRAM and SDRAM
devices into self refresh mode with only one time setting required. When the memory interface comes
out of self refresh mode, all signals are de-asserted. DCKE must de-assert one clock later in order to
properly bring the SDRAM out of self refresh mode. After exiting self refresh mode, the Halt signal
will not be released for several clocks to allow the DRAM and SDRAM to finish exiting self refresh
mode.
DCLKOUT
A[12:0]
D[31:0]
DCS0*
RAS1*
RAS0*
CAS3-0*
WE*
DQMH/L
DCKE
DCLKOUT
A[12:0]
D[31:0]
DCS0*
RAS1*
RAS0*
CAS3-0*
WE*
DQMH/L
DCKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com