Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 135 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 135 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 139Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 462 page
background image
Chapter 4 BIU Module
4-35
4.6
Memory Connections
Data Bus pins (D[31:0]), CAS signal pins, and data mask pins (DQMH, DQML) change their functions in
Big Endian and Little Endian. The following table shows the change of the name of each pin in Big Endian
and Little Endian. (The endian can be selected using the ENDIAN pin, “1” level to the Big Endian, “0” level
to the Little Endian.)
Pin No.
TMPR3911BU
TMPR3911BXB TMPR3912AU
TMPR3912XB
Big Endian
Little Endian
114
P7
133
H12
D[31]
D[7]
115
N7
134
G10
D[30]
D[6]
116
M6
136
G14
D[29]
D[5]
117
R7
138
G12
D[28]
D[4]
118
N6
139
G11
D[27]
D[3]
120
M5
141
F14
D[26]
D[2]
121
R6
143
F12
D[25]
D[1]
123
P5
145
E14
D[24]
D[0]
124
N4
146
E13
D[23]
D[15]
125
R5
148
D15
D[22]
D[14]
127
N3
150
D13
D[21]
D[13]
128
P3
152
C15
D[20]
D[12]
129
R4
153
C14
D[19]
D[11]
131
R3
155
B14
D[18]
D[10]
133
P1
157
A15
D[17]
D[9]
136
N2
159
E11
D[16]
D[8]
20
C7
27
H1
D[15]
D[23]
19
D7
26
H3
D[14]
D[22]
18
C8
24
G6
D[13]
D[21]
17
A7
23
G1
D[12]
D[20]
16
B6
21
G3
D[11]
D[19]
14
D6
19
F1
D[10]
D[18]
13
A6
18
G5
D[9]
D[17]
12
B5
16
F3
D[8]
D[16]
11
C5
14
F4
D[7]
D[31]
10
B4
12
E3
D[6]
D[30]
9
A5
11
D1
D[5]
D[29]
7
C49D2
D[4]
D[28]
5
A4
7
C1
D[3]
D[27]
4
B3
5
C2
D[2]
D[26]
3
A1
4
B1
D[1]
D[25]
2
A3
2
C3
D[0]
D[24]
166
E3
195
D6
CAS3*
CAS0*
167
E2
197
B5
CAS2*
CAS1*
168
D3
198
C5
CAS1*
CAS2*
169
E1
199
E6
CAS0*
CAS3*
175
C1
207
B2
DQMH
DQML
176
B1
208
A2
DQML
DQMH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com