Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 138 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 138 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 139Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 140Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 141Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 142Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 462 page
background image
Chapter 4 BIU Module
4-38
Figure 4.6.3 4-bank SDRAM Memory Connection (Big Endian)*
(supported only by TMPR3912XB-92/AU-92)
*1 Note that Pin No. in the figure above are those of TMPR3912AU-92 (LQFP208). In case of
TMPR3912XB-92 (FBGA217), refer to the table in the Section 2.
*2 A[8] and A[9] must be swapped when 128 Mbit SDRAM is used.
TMPR3912
DCLKIN
DCLKOUT
A[11:0]
DQML
DQMH
DCKE
DCS0*
RAS0*
RAS1*
CAS0*
WE*
Pin No.
172,...189
199
CLK
A11-0
DQML
DQMH
CKE
BS0
CS*
BS1
D15-8
WE*
D7-0
194
192
Bank1: 16-bit SDRAM
193
169
202
207
208
205
204
27,...16
14,...2
DCLKOUT
A[11:0]
DQML
DQMH
DCKE
DCS0*
RAS0*
DCS1*
CAS0*
D[15:8]
WE*
D[7:0]
DQML
A11-0
DQMH
CKE
RAS*
CS*
CAS*
WE*
Bank0: 16 -bit SDRAM
A[11:0]
DCS0*
RAS0*
CAS0*
DCLKOUT
DQML
DCKE
D[7:0]
WE*
D7-0
D[15:8]
D[7:0]
A[12]
CAS2*
197
171
BS0 (Addr21)
BS1 (Addr22)
RAS*
CAS*
CLK
D15-8
BS0
BS1
D[15:8]
DQMH
BS0 (Addr21)
BS1 (Addr22)
*1
*2
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com