Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 462 page
background image
Chapter 4 BIU Module
4-32
4.5
Arbitration
The Arbitration logic contains the Refresh Controller for Bank 1 and Bank 0, support for External Bus
Master, the Watch Dog Timer for terminating hung memory accesses, and Memory Power Down logic for
placing the SDRAM and/or DRAM into self refresh mode.
4.5.1
Refresh Controller
The Refresh Controller logic contains separate refresh counters for Bank 1 and Bank 0. Each counter
is a 6-bit counter that uses the 32 kHz clock for the counter. The refresh rate is set using the
RFSHVAL1[5:0] and RFSHVAL0[5:0] control bits in the Memory Configuration 4 Register. These
values are loaded into the respective refresh counter. The refresh counter will down count and when it
reaches a count of zero, refresh will be inserted. If the RFSHVALx control bits are set to $00, the
counter is not used and instead refresh is generated based on both the rising and falling edge of the 32
kHz clock. This is required to generate a 15.26
µs refresh rate required by some DRAMs or SDRAMs.
RFSHVALx control bits set to $01 will cause a refresh rate of 61.04
µs and additional values will
increase the refresh rate by increments of 30.52
µs. When it is time for the Refresh Controller to insert
refresh, the Halt signal will be asserted to the CPU Interface. Once the CPU Interface asserts the Halted
signal, the Refresh Controller will generate the appropriate control signals that will cause the DRAM &
SDRAM control logic to provide refresh for the memory devices. Once the Refresh Controller has
completed inserting refresh, the Halt signal will be de-asserted so that the CPU Interface can continue
running.
4.5.2
External Bus Master
The External Bus Master logic allows an external device to take control of the memory signals so that
memory can be shared with an external device. The external device will request the bus by asserting the
DREQ* signal. Once the DREQ* signal is asserted, the Halt signal will be asserted to the CPU Interface
logic. Once the CPU Interface logic asserts the Halted signal, the External Bus Master logic will then
assert the DGRNT* signal to inform the external device that it now controls the memory bus. At the
same time that DGRNT* is asserted, the following signals are tri-stated: D[31:0], A[12:0], ALE, RD*,
WE*, CAS3*-CAS0*, RAS1*, RAS0*, DCS0*, DCKE, DQMH, DQML and CS0*. DCLKOUT will be
tri-stated if the ENDCLKOUTTRI control bit is set in the Memory Configuration 0 Register. Otherwise,
DCLKOUT will continue to run. Once the external device de-asserts DREQ*, DGRNT* will be de-
asserted, the memory signals will be driven by the TMPR3911/12, and the Halt signal will be de-
asserted so the CPU Interface can begin launching memory transactions. The external device should not
attempt to take over the memory signals for a long period of time, otherwise TMPR3911/12 DMA
events and refresh will be interrupted. The External Bus Master logic will not respond with a DGRNT*
if the memory interface is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com