Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 130 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 130 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 128Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 129Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 130Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 134Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 462 page
background image
Chapter 4 BIU Module
4-30
(4) SDRAM Power Down Mode
The DCKE signal is provided for putting the SDRAM into Power Down Mode. The Power Down
Mode feature can be enabled or disabled using the ENSDRAMPD control bit in the Memory
Configuration 0 Register. When this bit is set, the DCKE signal will be held low whenever there are no
accesses to the SDRAM device for 7 CLK periods. Once a read, write or refresh is initiated to the
SDRAM, the DCKE signal is asserted to bring the device out of Power Down Mode. Power Down
Mode helps to reduce power dissipation in the SDRAM device when there are no accesses. During
Memory Power Down the SDRAM device is placed into self refresh mode for maximum power savings
and the DCLKOUT signal.
(5) SDRAM Timing
Figure 4.4.5 through Figure 4.4.7 show a few examples of the SDRAM timing. The first chip select
(assertion of CS*) is used to latch the ROW address. Subsequent chip selects will either read or write
data, and the final chip select is used to precharge the bank. Note from Table 4.4.2 that address bit 10
for 16-Mbit parts and address bit 11 for 64-Mbit parts is always a zero during the column address. This
is done to ensure that auto precharge is never latched during a read or write command and also will
cause only the bank that is being accessed to be precharged during the precharge command. Since the
burst size of the SDRAMs is always setup to 32 bits, reads will always be 32 bits without regard to the
actual number of bytes requested by the CPU. Writes are also 32 bits, but the data mask signals DQMH
and DQML will mask out the bytes that should not be written, thus allowing for Triple Byte, Half-Word
and Byte writes.
Figure 4.4.5 Word Read and Write to 8-bit SDRAM
DCLKOUT
A[12:0]
D[7:0]
DCS0/1*
RAS*
CAS*
WE*
ROW
ROW
COLUMN
COLUMN
32-bit
READ
32-bit
WRITE
DQMH
DQML
DCKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com