Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 124 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 124 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 121Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 122Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 123Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 124Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 125Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 126Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 127Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 128Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 462 page
background image
Chapter 4 BIU Module
4-24
4.4
DRAM and SDRAM Controller
The DRAM and SDRAM Controller generates the required control signals to interface to DRAM and
SDRAM devices. Two separate banks are supported and each bank can contain either DRAM or SDRAM,
with the only restriction being that Bank 1 cannot contain SDRAM if Bank 0 contains DRAM. The DRAM
and SDRAM Controller supports 4-Mbit, 16-Mbit and 64-Mbit devices in various bus configurations. In
order to maximize the memory bandwidth, both the DRAM and SDRAM devices can be kept in page mode
to complete burst read cycles and in-page write cycles.
4.4.1
Memory Chips Supported
Table 4.4.1 shows the different DRAM and SDRAM chips that are supported by the DRAM and
SDRAM Controller. Also shown is the Row and Column configuration for the supported chips.
SDRAM chips also contain two banks that are selectable through the address space.
Table 4.4.1 Supported DRAM and SDRAM Chips
Number of
Bank
Row
Address
Column
Address
Memory Size
Memory Type
–
9
9
256 K
× 16
4-Mbit DRAM
–
10
8
256 K
× 16
4-Mbit DRAM
–
10
9
512 K
× 84-Mbit DRAM
–10
10
1 M
× 16
16-Mbit DRAM
–11
9
1 M
× 16
16-Mbit DRAM
–12
8
1 M
× 16
16-Mbit DRAM
–11
10
2 M
× 8
16-Mbit DRAM
–12
9
2 M
× 8
16-Mbit DRAM
211
9
2 M
× 8
16-Mbit SDRAM
211
8
1 M
× 16
16-Mbit SDRAM
–11
11
4 M
× 16
64-Mbit DRAM
–12
10
4 M
× 16
64-Mbit DRAM
–12
11
8 M
× 8
64-Mbit DRAM
212
10
8 M
× 8
64-Mbit SDRAM
212
9
4 M
× 16
64-Mbit SDRAM
213
9
8 M
× 8
64-Mbit SDRAM
412
8
4 M
× 16
64-Mbit SDRAM
*1
412
9
8 M
× 16
128-Mbit SDRAM
*1
*1
Four-bank SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com