Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 170 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 170 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 166Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 167Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 168Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 169Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 170Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 171Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 174Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 462 page
background image
Chapter 6 Clock Module
6-8
SIBMCLKDIV[2:0]:
These bits define the divide-modulus for the programmable divider used to generate SIBMCLK.
The divide-modulus is equal to (SIBMCLK+2). (See the following table.)
SIBMCLKDIV
divide-modulus
02
13
24
35
46
57
68
CSERSEL:
Clearing this bit to a logic “0” selects the external SIBMCLK source to be the CSERCLK master
clock. Setting this bit to a logic “1” selects an internal clock source to be the CSERCLK master
clock.
CSERDIV[2:0]:
These bits define the divide-modulus for the programmable divider used to generate CSERCLK.
The divide-modulus is equal to (CSERDIV+2). (See the following table.)
CSERDIV
divide-modulus
02
13
24
35
46
57
68
ENCSERCLK:
This bit is used to enable or disable the CSERCLK counter. Setting this bit to a logic “1” enables
the CSERCLK counter. Clearing this bit to a logic “0” disables the CSERCLK counter.
ENIRCLK:
This bit is used to enable or disable the IRCLK clock generation. Setting this bit to a logic “1”
enables the IRCLK generation. Clearing this bit to a logic “0” disables the IRCLK generation,
halting the clock to the IR Module in order to reduce power consumption.
ENUARTACLK:
This bit is used to enable or disable the UARTACLK clock generation. Setting this bit to a logic
“1” enables the UARTACLK generation. Clearing this bit to a logic “0” disables the UARTACLK
generation, halting the clock to the UARTA Module in order to reduce power consumption.
ENUARTBCLK:
This bit is used to enable or disable the UARTBCLK clock generation. Setting this bit to a logic
“1” enables the UARTBCLK generation. Clearing this bit to a logic “0” disables the UARTBCLK
generation, halting the clock to the UARTB Module in order to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com