Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 15Page - Texas Instruments ADS5295IPFP Datasheet HTML 16Page - Texas Instruments ADS5295IPFP Datasheet HTML 17Page - Texas Instruments ADS5295IPFP Datasheet HTML 18Page - Texas Instruments ADS5295IPFP Datasheet HTML 19Page - Texas Instruments ADS5295IPFP Datasheet HTML 20Page - Texas Instruments ADS5295IPFP Datasheet HTML 21Page - Texas Instruments ADS5295IPFP Datasheet HTML 22Page - Texas Instruments ADS5295IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
−0.3
−0.2
−0.1
0
0.1
0.2
0
500
1000
1500
2000
2500
3000
3500
4000
Output Codes (LSB)
G020
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0
500
1000
1500
2000
2500
3000
3500
4000
Output Codes (LSB)
G021
78
80
82
84
86
88
90
−40 −27.5 −15 −2.5
10
22.5
35
47.5
60
72.5
85
Temperature (°C)
AVDD = 1.7 V
AVDD = 1.8 V
AVDD = 1.9 V
Input Frequency = 5 MHz
G017
60
65
70
75
80
85
90
95
100
105
110
10
20
30
40
50
60
70
Frequency of Aggressor Channel (MHz)
Adjacent Channel
Near Channel
Far Channel
G018
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
TYPICAL CHARACTERISTICS: General (continued)
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, 100 MSPS, two-wire LVDS interface,
and –1-dBFS differential analog input, unless otherwise noted.
Figure 20. SPURIOUS-FREE DYNAMIC RANGE vs
Figure 21. CROSSTALK vs FREQUENCY (1)
AVDD AND TEMPERATURE
Figure 22. INTEGRAL NONLINEARITY
Figure 23. DIFFERENTIAL NONLINEARITY
(1)
Adjacent channel: Neighboring channels on the immediate left and right of the channel of interest.
Near channel: Channels on the same side of the package, except the immediate neighbors.
Far channel: Channels on the opposite side of the package.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com