Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 63 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 63 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 59Page - Texas Instruments ADS5295IPFP Datasheet HTML 60Page - Texas Instruments ADS5295IPFP Datasheet HTML 61Page - Texas Instruments ADS5295IPFP Datasheet HTML 62Page - Texas Instruments ADS5295IPFP Datasheet HTML 63Page - Texas Instruments ADS5295IPFP Datasheet HTML 64Page - Texas Instruments ADS5295IPFP Datasheet HTML 65Page - Texas Instruments ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 93 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
49
49.1 49.2 49.3 49.4 49.5 49.6 49.7 49.8 49.9
50
Frequency (MHz)
LF Noise Suppression Enabled
LF Noise Suppression Disabled
G035
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
Frequency (MHz)
SNR = 70.7 dBFS
SINAD = 70.4 dBFS
SFDR = 82.9 dBc
THD = 82.1 dBc
G033
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Frequency (MHz)
LF Noise Suppression Enabled
LF Noise Suppression Disabled
G034
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
LOW-FREQUENCY NOISE SUPPRESSION
The low-frequency noise suppression (LFNS) mode is particularly useful in applications where good noise
performance is desired in the low-frequency band of dc to 1 MHz. By setting this mode, the low-frequency noise
spectrum band around dc is shifted to a similar band around fS / 2 (or the Nyquist frequency). As a result, the
noise spectrum from dc to approximately 1 MHz improves significantly, as shown in Figure 58, Figure 59, and
Figure 60.
This function can be selectively enabled in each channel using the LFNS_CH register bits. Figure 58, Figure 59,
and Figure 60 show the effect of this mode on the spectrum.
Figure 58. Full-Scale Input Amplitude
Figure 59. Spectrum (Zoomed) From DC to 1 MHz
Figure 60. Spectrum (Zoomed) in 1-MHz Band from 49 MHz to 50 MHz (fS = 100 MSPS)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com