Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 82 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 82 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 78Page - Texas Instruments ADS5295IPFP Datasheet HTML 79Page - Texas Instruments ADS5295IPFP Datasheet HTML 80Page - Texas Instruments ADS5295IPFP Datasheet HTML 81Page - Texas Instruments ADS5295IPFP Datasheet HTML 82Page - Texas Instruments ADS5295IPFP Datasheet HTML 83Page - Texas Instruments ADS5295IPFP Datasheet HTML 84Page - Texas Instruments ADS5295IPFP Datasheet HTML 85Page - Texas Instruments ADS5295IPFP Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
V
DIFF
V
DIFF
V
OCM
High
Low
Low
High
OUTP
OUTM
R
OUT
(1)
External
100-
Load
W
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
LVDS OUTPUT DATA AND CLOCK BUFFERS
The equivalent circuit of each LVDS output buffer is shown in Figure 75. After reset, the buffer presents an
output impedance of 100
Ω to match with the external 100-Ω termination.
The VDIFF voltage is nominally 350 mV, resulting in an output swing of ±350 mV with a 100-Ω external
termination. The buffer output impedance behaves in the same way as a source-side series termination. By
absorbing reflections from the receiver end, this impedance helps improve signal integrity.
(1) ROUT = 100 Ω.
Figure 75. LVDS Buffer Equivalent Circuit
OUTPUT DATA FORMAT
Two output data formats are supported: twos complement and offset binary. These formats can be selected by
the BTC_MODE serial interface register bit. In the event of an input voltage overdrive, the digital outputs go to
the appropriate full-scale level. For a positive overload, the 12-bit output data (D[11:0]) is FFFh in offset binary
output format and 7FFh in twos complement output format. For a negative input overload, the output data is 000h
in offset binary output format and 800h in twos complement output format.
BOARD DESIGN CONSIDERATIONS
Grounding
A single ground plane is sufficient to give good performance, provided the analog, digital, and clock sections of
the board are cleanly partitioned. See the EVM User Guide (ADS5295, 8-Channel ADC Evaluation Module,
SLAU442) for details on layout and grounding.
Supply Decoupling
Minimal external decoupling can be used without loss in performance because the ADS5295 already includes
internal decoupling. Note that decoupling capacitors can help filter external power-supply noise; thus, the
optimum number of capacitors would depend on the actual application. The decoupling capacitors should be
placed very close to the converter supply pins.
Exposed Pad
In addition to providing a path for heat dissipation, the pad is also electrically connected to the digital ground
internally. Therefore, the exposed pad must be soldered to the ground plane for best thermal and electrical
performance.
82
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com