Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 46 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 42Page - Texas Instruments ADS5295IPFP Datasheet HTML 43Page - Texas Instruments ADS5295IPFP Datasheet HTML 44Page - Texas Instruments ADS5295IPFP Datasheet HTML 45Page - Texas Instruments ADS5295IPFP Datasheet HTML 46Page - Texas Instruments ADS5295IPFP Datasheet HTML 47Page - Texas Instruments ADS5295IPFP Datasheet HTML 48Page - Texas Instruments ADS5295IPFP Datasheet HTML 49Page - Texas Instruments ADS5295IPFP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
Register 34h
D15
D14
D13
D12
D11
D10
D9
D8
0
HPF_EN_CH7
HPF_CORNER _CH7[3:0]
FILTER_TYPE_CH7[2:0]
D7
D6
D5
D4
D3
D2
D1
D0
FILTER_TYPE
SEL_ODD_
USE_FILTER_
DEC_RATE_CH7[2:0]
0
0
_CH7[2:0]
TAP_CH7
CH7
Bit D15
Must write '0'
Bit D14
HPF_EN_CH7
This bit enables the HPF filter for channel 7.
Bits D[13:10]
HPF_CORNER _CH7[3:0]
These bits program the HPF corner for channel 7.
Bits D[9:7]
FILTER_TYPE_CH7[2:0]
These bits select the type of filter on channel 7.
Bits D[6:4]
DEC_RATE_CH7[2:0]
These bits set the decimation factor for the filter on channel 7.
Bit D3
Must write '0'
Bit D2
SEL_ODD_TAP_CH7
This bit enables the odd tap filter for channel 7.
Bit D1
Must write '0'
Bit D0
USE_FILTER_CH7
This bit enables the filter for channel 7.
46
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com