| Electronic Components Datasheet Search |
|
ADS5295IPFP Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5295IPFP Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 93 page ![]() Frame Clock (ADCLK Frequency = 1x fS) Input Clock (CLK Frequency = fS) Sample N+1 D9 (D0) D8 (D1) D7 (D2) D6 (D3) D5 (D4) D4 (D5) D3 (D6) D2 (D7) D1 (D8) D0 (D9) D9 (D0) D8 (D1) D7 (D2) Bit Clock (LCLK Frequency = 5x fS) Output Data (1) (OUTA Data rate = 10x fS) Sample N Frame Clock (ADCLK Frequency = 1x fS) Input Clock (CLK Frequency = fS) Sample N+1 D11 (D0) D10 (D1) D9 (D2) D8 (D3) D7 (D4) D6 (D5) D5 (D6) D4 (D7) D3 (D8) D2 (D9) D1 (D10) D0 (D11) D11 (D0) D10 (D1) Bit Clock (LCLK Frequency = 6x fS) Output Data (1) (OUTA Data rate = 12x fS) Sample N ADS5295 SBAS595 – DECEMBER 2012 www.ti.com One-Wire, 12x Serialization with DDR Bit Clock and 1x Frame Clock The 12-bit ADC data are serialized and output over one LVDS pair per channel along with a 6x bit clock and a 1x frame clock, as shown in Figure 67. The output data rate is a 12x sample rate; therefore, it is suited for low sample rates. (1) The upper data bit is the MSB-first mode data bit and the lower data bit is the LSB-first mode data bit. Figure 67. LVDS Output Interface Timing Diagram (One-Wire, 12x Serialization) One-Wire, 10x Serialization with DDR Bit Clock and 1x Frame Clock The 10 upper bits of the 12-bit ADC data are serialized and output over one LVDS pair per channel along with a 5x bit clock and a 1x frame clock, as shown in Figure 68. The output data rate is a 10x sample rate; therefore, it is suited for low sample rates, typically up to 65 MSPS. (1) The upper data bit is the MSB-first mode data bit and the lower data bit is the LSB-first mode data bit. Figure 68. LVDS Output Interface Timing Diagram (One-Wire, 10x Serialization) 76 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Links: ADS5295 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |