Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 61 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 57Page - Texas Instruments ADS5295IPFP Datasheet HTML 58Page - Texas Instruments ADS5295IPFP Datasheet HTML 59Page - Texas Instruments ADS5295IPFP Datasheet HTML 60Page - Texas Instruments ADS5295IPFP Datasheet HTML 61Page - Texas Instruments ADS5295IPFP Datasheet HTML 62Page - Texas Instruments ADS5295IPFP Datasheet HTML 63Page - Texas Instruments ADS5295IPFP Datasheet HTML 64Page - Texas Instruments ADS5295IPFP Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
Gain Error (%) = Error in Full-Scale Voltage ´
100
Ideal Full-Scale Voltage
= 2x [Error in (V
V
)]
-
´
REFT
REFB
100
2.0
Internal
Reference
ADC
REFT
REFB
INTREF/EXTREF
Device
INTREF/EXTREF
REF Amp
Full-Scale Input Voltage = 2
(V
V
)
´
-
REFT
REFB
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
EXTERNAL REFERENCE MODE OF OPERATION
For normal operation, the device requires two reference voltages (REFT and REFB) that are generated internally
by default, as shown in Figure 55. The value of the reference voltage determines the actual ADC full-scale input
voltage, as shown in Equation 1:
(1)
Figure 55. Reference Equivalent Circuit
Any error in the reference results in a deviation of the full-scale input range from its ideal value of 2.0 VPP, as
shown in Equation 2:
Error in Full-Scale Voltage = 2x [Error in (VREFT – VREFB)]
(2)
The reference inaccuracy results in a gain error, which is defined as Equation 3:
(3)
To minimize the gain error, the internal reference voltages are trimmed to an accuracy of ±1.5% (or ±30 mV).
To obtain even lower gain error, the ADS5295 supports an external reference mode of operation. In this mode,
the internal reference amplifiers are powered down and an external amplifier must force the reference voltages
on the REFT and REFB pins. For example, this mode can be used to ensure that multiple ADS5295 chips in the
system have nearly the same full-scale voltage.
To enable the external reference mode, set the register bits as shown in Table 8. These settings power down the
internal reference amplifier and the two reference voltages can be forced directly on the REFT and REFB pins as
VREFT = 1.45 V and VREFB = 0.45 V.
Table 8. External Reference Function
FUNCTION
EN_HIGH_ADDRS
EN_EXT_REF
External reference using the REFT, REFB pins
1
1
Because the internal reference amplifiers are powered down, the accuracy of the full-scale voltage is determined
by the accuracy of (VREFT – VREFB), where VREFT is the voltage forced on REFT and VREFB is the voltage forced
on REFB.
Note that although the nominal value of (VREFT – VREFB) = 1.0 V, ensure that:
[(VREFT + VREFB) / 2 = 0.950 V ± 50 mV].
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com