Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 24Page - Texas Instruments ADS5295IPFP Datasheet HTML 25Page - Texas Instruments ADS5295IPFP Datasheet HTML 26Page - Texas Instruments ADS5295IPFP Datasheet HTML 27Page - Texas Instruments ADS5295IPFP Datasheet HTML 28Page - Texas Instruments ADS5295IPFP Datasheet HTML 29Page - Texas Instruments ADS5295IPFP Datasheet HTML 30Page - Texas Instruments ADS5295IPFP Datasheet HTML 31Page - Texas Instruments ADS5295IPFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
SEN
t
1
t
2
t
3
Power Supply
AVDD, LVDD
RESET
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
Reset Timing
Figure 44 shows a timing diagram for the reset function.
Figure 44. Reset Timing Diagram
Table 6. Timing Characteristics for Figure 44(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay from AVDD and LVDD power-up
t1
Power-on delay
1
ms
to active RESET pulse
t2
Reset pulse width
Pulse width of active RESET signal
50
ns
t3
Register write delay
Delay from RESET disable to CS active
100
ns
(1)
Typical values are at TA = +25°C, minimum and maximum values are across the full temperature range of TMIN = –40°C to
TMAX = +85°C, unless otherwise noted.
(2)
A high pulse on the RESET pin is required when initialization is done via a hardware reset.
28
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com