Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 5Page - Texas Instruments ADS5295IPFP Datasheet HTML 6Page - Texas Instruments ADS5295IPFP Datasheet HTML 7Page - Texas Instruments ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments ADS5295IPFP Datasheet HTML 10Page - Texas Instruments ADS5295IPFP Datasheet HTML 11Page - Texas Instruments ADS5295IPFP Datasheet HTML 12Page - Texas Instruments ADS5295IPFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
Input Clock
Frequency = fS
LCLKP
LCLKN
Output Data
Rate = 12x fS
Input Signal
Sample
N
tA
CLKN
CLKP
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D11
D10
D9
D8
D7
D6
D5
D4
ADCLKN
ADCLKP
Bit Clock
Frequency = 6x fS
Frame Clock
Frequency = 1x fS
OUTP
OUTN
Sample N-1
Sample N
Latency = 12 Clocks
Sample
N + 12
Sample
N + 11
Sample
N + 13
tPDI
D1
D0
D3
D2
D11
D10
D9
D8
OUTP
OUTN
GND
Logic 0
V
= 350 mV
-
ODL
(1)
Logic 1
V
= +350 mV
ODH
(1)
V
OCM
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
PARAMETRIC MEASUREMENT INFORMATION
LATENCY TIMING
Figure 1 shows a timing diagram of the LVDS output voltage levels.
(1) With an external 100-
Ω termination.
Figure 1. LVDS Output Voltage Levels
Figure 2 shows a latency timing diagram.
Figure 2. Latency Timing Diagram
LVDS OUTPUT TIMING
Figure 3 shows the output timing described in the Timing Requirements table.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com