Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 72 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 72 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments ADS5295IPFP Datasheet HTML 70Page - Texas Instruments ADS5295IPFP Datasheet HTML 71Page - Texas Instruments ADS5295IPFP Datasheet HTML 72Page - Texas Instruments ADS5295IPFP Datasheet HTML 73Page - Texas Instruments ADS5295IPFP Datasheet HTML 74Page - Texas Instruments ADS5295IPFP Datasheet HTML 75Page - Texas Instruments ADS5295IPFP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
MAP_CH1234_to_OUTn[3:0] = 1xxx,
the unused OUT LVDS buffer is powered down.
n
OUTn
(1)
Channel 1 LSB Byte Data[7:0]
MAP_CH1234_to_OUTn[3:0] = 0000
Channel 1 MSB Byte Data[15:8]
MAP_CH1234_to_OUTn[3:0] = 0001
Channel 2 LSB Byte Data[7:0]
MAP_CH1234_to_OUTn[3:0] = 0010
Channel 2 MSB Byte Data[15:8]
MAP_CH1234_to_OUTn[3:0] = 0011
Channel 3 LSB Byte Data[7:0]
MAP_CH1234_to_OUTn[3:0] = 0100
Channel 3 MSB Byte Data[15:8]
MAP_CH1234_to_OUTn[3:0] = 0101
Channel 4 LSB Byte Data[7:0]
MAP_CH1234_to_OUTn[3:0] = 0110
Channel 4 MSB Byte Data[15:8]
MAP_CH1234_to_OUTn[3:0] = 0111
MAP_CH5678_to_OUTn[3:0] = 1xxx,
the unused OUT LVDS buffer is powered down.
n
OUTn
(1)
Channel 8 LSB Byte Data[7:0]
MAP_CH5678_to_OUTn[3:0] = 0000
Channel 8 MSB Byte Data[15:8]
MAP_CH5678_to_OUTn[3:0] = 0001
Channel 7 LSB Byte Data[7:0]
MAP_CH5678_to_OUTn[3:0] = 0010
Channel 7 MSB Byte Data[15:8]
MAP_CH5678_to_OUTn[3:0] = 0011
Channel 6 LSB Byte Data[7:0]
MAP_CH5678_to_OUTn[3:0] = 0100
Channel 6 MSB Byte Data[15:8]
MAP_CH5678_to_OUTn[3:0] = 0101
Channel 5 LSB Byte Data[7:0]
MAP_CH5678_to_OUTn[3:0] = 0110
Channel 5 MSB Byte Data[15:8]
MAP_CH5678_to_OUTn[3:0] = 0111
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
(1) For channels 1 to 4, n = 1A, 1B, 2A, 2B, 3A, 3B, 4A, and 4B. For channels 5 to 8, n = 5A, 5B, 6A, 6B, 7A, 7B, 8A, and 8B.
Figure 65. Two-Wire Channel Mapping Mode
72
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com