Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 68 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 68 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 64Page - Texas Instruments ADS5295IPFP Datasheet HTML 65Page - Texas Instruments ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments ADS5295IPFP Datasheet HTML 70Page - Texas Instruments ADS5295IPFP Datasheet HTML 71Page - Texas Instruments ADS5295IPFP Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
y(n) =
1
2
11
´
-
[h6.x(n) + h7.x(n 1) +
h9.x(n 3) + h10.x(n 4)
+
h8.x(n 2) +
+ h11.x(n 5)
-
-
-
-
+ h11.x(n 6) +
h9.x(n 8) + h8.x(n 9)
+ h6.x (n 11)]
-
h10.x(n 7) +
+ h7.x(n 10)
-
-
-
-
-
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
Table 12. Predefined Coefficients for Decimate-by-4 Filters
DECIMATE-BY-4
COEFFICIENTS
LOW-PASS FILTER
1st BAND-PASS FILTER
2nd BAND-PASS FILTER
HIGH-PASS FILTER
h0
–17
–7
–34
40
h1
–50
19
–34
–15
h2
71
–47
–101
–95
h3
46
127
43
22
h4
24
73
58
–8
h5
–42
0
–28
–81
h6
–100
86
–5
106
h7
–97
117
–179
–62
h8
8
–190
294
–97
h9
202
–464
86
310
h10
414
–113
–563
–501
h11
554
526
352
575
Custom Filter Coefficients
In addition to the built-in filters described in the Predefined Coefficients section, customers also have the option
of using their own custom, 12-bit, signed coefficients. Because of the symmetric FIR implementation of the filters,
only 12 coefficients can be specified with the configuration of Equation 4 or Equation 5. These coefficients (h0 to
h11) must be configured in the custom coefficient registers as shown in Equation 6:
Register Content = 12-Bit Signed Representation of (Real Coefficient Value × 2
11)
(6)
The 12 custom coefficients must be loaded into 12 separate registers for each channel (refer to the custom
coefficient registers, 5Ah to B9h). The MSB bit of each coefficient register determines whether the built-in filters
or custom filters are used. If the EN_CUSTOM_FILT MSB bit is reset to '0', then the built-in filter coefficients are
used. Otherwise, the custom coefficients are used.
Custom Filter without Decimation
Another mode is available that enables the use of the digital filter without decimation. In this mode, the filter
behaves similar to a 12-tap symmetric FIR filter, as shown in Equation 7:
(7)
In Equation 7, h6 through h11 are 12-bit, signed, twos complement representations of the coefficients (–2048 to
+2047). x(n) is the filter input data sequence and y(n) is the filter output sequence.
In this mode, because the filter is implemented as a 12-tap symmetric FIR, only six custom coefficients must be
specified and loaded in registers h6 to h11 (refer to the custom coefficient registers, 5Ah to B9h). To enable this
mode, use the register setting specified in bit 15 of registers AEh to B9h.
Digital High-Pass Filter
In addition to the 12 tap filters described previously, the digital processing block also includes a separate high-
pass filter for each channel. The high-pass corner frequency can be programmed using bits D[14:10] in register
2Eh.
68
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com