Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 65 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 65 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 61Page - Texas Instruments ADS5295IPFP Datasheet HTML 62Page - Texas Instruments ADS5295IPFP Datasheet HTML 63Page - Texas Instruments ADS5295IPFP Datasheet HTML 64Page - Texas Instruments ADS5295IPFP Datasheet HTML 65Page - Texas Instruments ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
y(n) =
1
2
11
´
-
[h0.x(n) + h1.x(n 1) +
... + h10.x(n 10) + h11.x(n 11)
+ ... + h1.x (n 21) + h0.x(n 22)]
h2.x(n 2) +
+ h10.x(n 12)
-
-
-
-
-
-
y(n) =
1
2
11
´
-
[h0.x(n) + h1.x(n 1) +
... + h11.x(n 11) + h12.x(n 12) + ... + h1.x (n 22) + h0.x(n 23)]
h2.x(n 2) +
-
-
-
-
-
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Digital Filter
The digital processing block includes the option to filter and decimate the ADC data outputs digitally. Various
filters and decimation rates are supported: decimation rates of 2, 4, and 8, and low-pass, high-pass, and band-
pass filters are available.
The filters are internally implemented as 24-tap symmetric finite impulse response (FIR) filters (even-tap) using
the predefined coefficients of Equation 4:
(4)
Alternatively, some filters can be configured as 23-tap symmetric FIR filters (odd-tap), as described in
Equation 5:
(5)
In Equation 4 and Equation 5, h0 through h11 are 12-bit, signed, twos complement representations of the
coefficients (–2048 to +2047). x(n) is the filter input data sequence and y(n) is the filter output sequence.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com