Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 60 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 56Page - Texas Instruments ADS5295IPFP Datasheet HTML 57Page - Texas Instruments ADS5295IPFP Datasheet HTML 58Page - Texas Instruments ADS5295IPFP Datasheet HTML 59Page - Texas Instruments ADS5295IPFP Datasheet HTML 60Page - Texas Instruments ADS5295IPFP Datasheet HTML 61Page - Texas Instruments ADS5295IPFP Datasheet HTML 62Page - Texas Instruments ADS5295IPFP Datasheet HTML 63Page - Texas Instruments ADS5295IPFP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 93 page
background image
CLKP
CLKN
CMOS
Clock Input
0.1 F
m
0.1 F
m
CLKP
CLKN
R
TERM
Differential
LVDS
Clock Input
0.1 F
m
0.1 F
m
CLKP
CLKN
R
TERM
Differential
LVPECL
Clock Input
R
TERM
CLKP
CLKN
0.1 F
m
0.1 F
m
Differential
Sine-Wave
Clock Input
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
CLOCK INPUT
The ADS5295 can operate with both single-ended (CMOS) and differential input clocks (such as sine wave,
LVPECL, and LVDS). Operating with a low-jitter differential clock is recommended for good SNR performance,
especially at input frequencies greater than 30 MHz. In the differential mode, the clock inputs are internally
biased to a 0.95-V common-mode voltage. While driving with an external LVPECL or LVDS driver, TI
recommends ac-coupling the clock signals so that the clock pins are correctly biased to the common-mode
voltage (0.95 V). To operate using a single-ended clock, connect a CMOS clock source to CLKP and tie CLKN to
GND. The device automatically detects the presence of a single-ended clock without requiring any configuration
and disables the internal biasing. Typical clock termination schemes are shown in Figure 51, Figure 52,
Figure 53, and Figure 54.
Figure 51. Differential Sine-Wave Clock Driving
Figure 52. Differential LVPECL Clock Driving
Circuit
Circuit
Figure 53. Differential LVDS Clock Driving Circuit
Figure 54. Single-Ended Clock Driving Circuit
60
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com