Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 64 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 64 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 60Page - Texas Instruments ADS5295IPFP Datasheet HTML 61Page - Texas Instruments ADS5295IPFP Datasheet HTML 62Page - Texas Instruments ADS5295IPFP Datasheet HTML 63Page - Texas Instruments ADS5295IPFP Datasheet HTML 64Page - Texas Instruments ADS5295IPFP Datasheet HTML 65Page - Texas Instruments ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
Mapper
8:8
Multiplexer
OUT3A
OUT3B
OUT4A
OUT4B
LVDS Outputs
12-Bit
ADC
1/2 ADS5295
Channel 2
Channel 3
Channel 4
OUT1A
OUT1B
OUT2A
OUT2B
Digital Processing Block for Channel 1
Test
Patterns,
Ramp
Average of
2 Channels
Average of
4 Channels
Channel 1 ADC Data
Built-In Coefficients
Decimate
By 2, 4,
or 8
Custom Coefficients
12-Tap Filter
Gain
(0 dB to 12 dB,
in 1-dB steps)
Decimate
By 2 or 4
Channel 2 ADC Data
Channel 3 ADC Data
Channel 4 ADC Data
12-Bit
ADC
12-Bit
ADC
12-Bit
ADC
Digital Processing Block for Channel 2
Digital Processing Block for Channel 3
Digital Processing Block for Channel 4
23-Tap Tilter
(Odd Tap)
24-Tap Filter
(Even Tap)
23-Tap Filter
(Odd Tap)
24-Tap Filter
(Even Tap)
Channel 1
Serializer
Wire 1
Serializer
Wire 2
Channel 4
Serializer
Wire 1
Serializer
Wire 2
Channel 3
Serializer
Wire 1
Serializer
Wire 2
Channel 2
Serializer
Wire 1
Serializer
Wire 2
ADC Data:
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
DIGITAL PROCESSING BLOCKS
The ADS5295 integrates a set of commonly-used digital functions that can be used to ease system design.
These functions are shown in Figure 61 and are described in the following sections.
Figure 61. Digital Processing Block Diagram
Digital Gain
The ADS5295 includes programmable digital gain settings from 0 dB to 12 dB in 1-dB steps. The benefit of
digital gain is obtaining improved SFDR performance. However, SFDR improvement is achieved at the expense
of SNR; for each gain setting, SNR degrades by approximately 1 dB. Therefore, the gain can be used to trade-off
between SFDR and SNR.
For each gain setting, the supported analog input full-scale range scales proportionally, as shown in Table 9.
After reset, the device comes up in 0-dB gain mode. To use other gain settings, program the GAIN_CH[3:0]
register bits.
Table 9. Analog Full-Scale Range Across Gains
GAIN_CH[3:0]
DIGITAL GAIN (dB)
ANALOG FULL-SCALE INPUT (VPP)
0000
0
2
0001
1
1.78
0010
2
1.59
0011
3
1.42
0100
4
1.26
0101
5
1.12
0110
6
1
0111
7
0.89
1000
8
0.8
1001
9
0.71
1010
10
0.63
1011
11
0.56
1100
12
0.5
Other combinations
Do not use
—
64
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com