Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 67 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 67 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 63Page - Texas Instruments ADS5295IPFP Datasheet HTML 64Page - Texas Instruments ADS5295IPFP Datasheet HTML 65Page - Texas Instruments ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments ADS5295IPFP Datasheet HTML 70Page - Texas Instruments ADS5295IPFP Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fIN/fS)
Low-Pass
High-Pass
G024
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (fIN/fS)
Low-Pass
Band-Pass 1
Band-Pass 2
High-Pass
G025
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Predefined Coefficients
The built-in filter types (low pass, high pass, and band pass) use predefined coefficients. The frequency
response of the built-in filters is shown in Figure 62 and Figure 63.
Figure 62. Filter Response (Decimate-by-2)
Figure 63. Filter Response (Decimate-by-4)
The predefined coefficients for the decimate-by-2 and decimate-by-4 filters are listed in Table 11 and Table 12,
respectively.
Table 11. Predefined Coefficients for Decimate-by-2 Filters
DECIMATE-BY-2
COEFFICIENTS
LOW-PASS FILTER
HIGH-PASS FILTER
h0
3
–22
h1
0
–65
h2
5
–52
h3
1
30
h4
–27
66
h5
–2
–35
h6
73
–107
h7
3
38
h8
–178
202
h9
–4
–41
h10
636
–644
h11
1024
1061
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com