Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 19Page - Texas Instruments ADS5295IPFP Datasheet HTML 20Page - Texas Instruments ADS5295IPFP Datasheet HTML 21Page - Texas Instruments ADS5295IPFP Datasheet HTML 22Page - Texas Instruments ADS5295IPFP Datasheet HTML 23Page - Texas Instruments ADS5295IPFP Datasheet HTML 24Page - Texas Instruments ADS5295IPFP Datasheet HTML 25Page - Texas Instruments ADS5295IPFP Datasheet HTML 26Page - Texas Instruments ADS5295IPFP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
80
100
120
140
160
180
200
220
10
20
30
40
50
60
70
80
90
100
Sampling Frequency (MHz)
G038
50
70
90
110
130
150
170
10
20
30
40
50
60
70
80
90
100
Sampling Frequency (MHz)
Two−Wire
One−Wire
One−Wire, Decimate−By−2
One−Wire, Decimate−By−4
G039
120
150
180
210
240
270
300
330
360
390
10
20
30
40
50
60
70
80
90
100
Sampling Frequency (MHz)
G036
100
125
150
175
200
225
250
275
300
10
20
30
40
50
60
70
80
90
100
Sampling Frequency (MHz)
Two−Wire
One−Wire
One−Wire, Decimate−By−2
One−Wire, Decimate−By−4
G037
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
TYPICAL CHARACTERISTICS: Power Consumption
Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, 100 MSPS, two-wire LVDS interface,
and –1-dBFS differential analog input, unless otherwise noted.
Figure 36. ANALOG SUPPLY POWER
Figure 37. DIGITAL SUPPLY POWER
Figure 38. ANALOG SUPPLY CURRENT
Figure 39. DIGITAL SUPPLY CURRENT
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com