Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 83 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 83 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 79Page - Texas Instruments ADS5295IPFP Datasheet HTML 80Page - Texas Instruments ADS5295IPFP Datasheet HTML 81Page - Texas Instruments ADS5295IPFP Datasheet HTML 82Page - Texas Instruments ADS5295IPFP Datasheet HTML 83Page - Texas Instruments ADS5295IPFP Datasheet HTML 84Page - Texas Instruments ADS5295IPFP Datasheet HTML 85Page - Texas Instruments ADS5295IPFP Datasheet HTML 86Page - Texas Instruments ADS5295IPFP Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
THD = 10 Log
10
P
S
P
N
ENOB =
SINAD
1.76
-
6.02
SINAD = 10 Log
10
P
S
P + P
N
D
SNR = 10 Log
10
P
S
P
N
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
DEFINITION OF SPECIFICATIONS
Analog Bandwidth: The analog input frequency at which the power of the fundamental is reduced by 3 dB with
respect to the low-frequency value.
Aperture Delay: The delay in time between the rising edge of the input sampling clock and the actual time at
which the sampling occurs. This delay is different across channels. The maximum variation is specified as
aperture delay variation (channel-to-channel).
Aperture Uncertainty (jitter): The sample-to-sample variation in aperture delay.
Clock Pulse Width (duty cycle): The duty cycle of a clock signal is the ratio of the time that the clock signal
remains at a logic high (clock pulse width) to the period of the clock signal. Duty cycle is typically expressed as a
percentage. A perfect differential sine-wave clock results in a 50% duty cycle.
Maximum Conversion Rate: The maximum sampling rate at which specified operation is given. All parametric
testing is performed at this sampling rate, unless otherwise noted.
Minimum Conversion Rate: The minimum sampling rate at which the ADC functions.
Differential Nonlinearity (DNL): An ideal ADC exhibits code transitions at analog input values spaced exactly
1 LSB apart. DNL is the deviation of any single step from this ideal value, measured in units of LSBs.
Integral Nonlinearity (INL): INL is the deviation of the ADC transfer function from a best-fit line determined by a
least-squares curve fit of that transfer function, measured in units of LSBs.
Gain Error: Gain error is the deviation of the actual ADC input full-scale range from its ideal value. The gain
error is given as a percentage of the ideal input full-scale range. Gain error has two components: error as a
result of reference inaccuracy and error as a result of the channel. Both errors are specified independently as
EGREF and EGCHAN, respectively. To a first-order approximation, the total gain error is (ETOTAL ~ EGREF + EGCHAN).
For example, if ETOTAL = ±0.5%, then the full-scale input varies from [(1 – 0.5 / 100) × FSIDEAL] to [(1 + 0.5 / 100)
× FSIDEAL].
Offset Error: Offset error is the difference, given in number of LSBs, between the actual average ADC idle
channel output code and the ideal average idle channel output code. This quantity is often mapped into millivolts.
Temperature Drift: The temperature drift coefficient (with respect to gain error and offset error) specifies the
change per degree Celsius of the parameter from TMIN to TMAX. Drift is calculated by dividing the maximum
deviation of the parameter across the TMIN to TMAX range by the difference of TMAX – TMIN.
Signal-to-Noise Ratio (SNR): SNR is the ratio of the power of the fundamental (PS) to the noise floor power
(PN), excluding the power at dc and the first nine harmonics. SNR is either given in units of dBc (dB to carrier)
when the absolute power of the fundamental is used as the reference, or dBFS (dB to full-scale) when the power
of the fundamental is extrapolated to the converter full-scale range.
(8)
Signal-to-Noise and Distortion (SINAD): SINAD is the ratio of the power of the fundamental (PS) to the power
of all the other spectral components, including noise (PN) and distortion (PD), but excluding dc. SINAD is either
given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or
dBFS (dB to full-scale) when the power of the fundamental is extrapolated to the converter full-scale range.
(9)
Effective Number of Bits (ENOB): ENOB is a measure of the converter performance as compared to the
theoretical limit based on quantization noise.
(10)
Total Harmonic Distortion (THD): THD is the ratio of the power of the fundamental (PS) to the power of the first
nine harmonics (PD). THD is typically given in units of dBc (dB to carrier).
(11)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
83
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com