Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 31 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 27Page - Texas Instruments ADS5295IPFP Datasheet HTML 28Page - Texas Instruments ADS5295IPFP Datasheet HTML 29Page - Texas Instruments ADS5295IPFP Datasheet HTML 30Page - Texas Instruments ADS5295IPFP Datasheet HTML 31Page - Texas Instruments ADS5295IPFP Datasheet HTML 32Page - Texas Instruments ADS5295IPFP Datasheet HTML 33Page - Texas Instruments ADS5295IPFP Datasheet HTML 34Page - Texas Instruments ADS5295IPFP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
Table 7. Register Map (continued)
REGISTER
ADDRESS
(Hex)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
USE_
HPF_EN_
SEL_ODD_
34
0
HPF_CORNER_CH7[3:0]
FILTER_TYPE_CH7[2:0]
DEC_RATE_CH7
0
0
FILTER_
CH7
TAP_CH7
CH7
USE_
HPF_EN_
SEL_ODD_
35
0
HPF_CORNER_CH8[3:0]
FILTER_TYPE_CH8[2:0]
DEC_RATE_CH8
0
0
FILTER_
CH8
TAP_CH8
CH8
38
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DATA_RATE[1:0]
EN_PHASE
PHASE_
PHASE_
42
0
0
0
0
0
0
0
0
0
0
0
0
0
DDR
DDR1
DDR0
45
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PAT_DESKEW_SYNC[1:0]
EN_MSB_
46
ENABLE 46
0
FALL_SDR
0
BIT_SER_SEL
0
0
0
EN_SDR
BTC_MODE
0
EN_2WIRE
FIRST
50
ENABLE 50
0
0
0
MAP_Ch1234_to_OUT2A
MAP_Ch1234_to_OUT1B
MAP_Ch1234_to_OUT1A
51
ENABLE 51
0
0
0
MAP_Ch1234_to_OUT3B
MAP_Ch1234_to_OUT3A
MAP_Ch1234_to_OUT2B
52
ENABLE 52
0
0
0
0
0
0
0
MAP_Ch1234_to_OUT4B
MAP_Ch1234_to_OUT4A
53
ENABLE 53
0
0
0
MAP_Ch5678_to_OUT6B
MAP_Ch5678_to_OUT5A
MAP_Ch5678_to_OUT5B
54
ENABLE 54
0
0
0
MAP_Ch5678_to_OUT7A
MAP_Ch5678_to_OUT7B
MAP_Ch5678_to_OUT6A
55
ENABLE 55
0
0
0
0
0
0
0
MAP_Ch5678_to_OUT8A
MAP_Ch5678_to_OUT8B
EN_
5A to 65
CUSTOM_
0
0
0
COEFFn_SET_CH1
(1)
FILT_CH1
EN_
66 to 71
CUSTOM_
0
0
0
COEFFn_SET_CH2
(1)
FILT_CH2
EN_
72 to 7D
CUSTOM_
0
0
0
COEFFn_SET_CH3
(1)
FILT_CH3
EN_
7E to 89
CUSTOM_
0
0
0
COEFFn_SET_CH4
(1)
FILT_CH4
EN_
8A to 95
CUSTOM_
0
0
0
COEFFn_SET_CH5
(1)
FILT_CH5
EN_
96 to A1
CUSTOM_
0
0
0
COEFFn_SET_CH6
(1)
FILT_CH6
EN_
A2 to AD
CUSTOM_
0
0
0
COEFFn_SET_CH7
(1)
FILT_CH7
EN_
AE to B9
CUSTOM_
0
0
0
COEFFn_SET_CH8
(1)
FILT_CH8
EN_LVDS
BE
0
0
0
0
0
DELAY_DATA_R
DELAY_LCLK_R
DELAY_DATA_F
DELAY_LCLK_F
_PROG
EN_EXT_
F0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
REF
(1)
n = 0 to 11.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com