Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 70 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 66Page - Texas Instruments ADS5295IPFP Datasheet HTML 67Page - Texas Instruments ADS5295IPFP Datasheet HTML 68Page - Texas Instruments ADS5295IPFP Datasheet HTML 69Page - Texas Instruments ADS5295IPFP Datasheet HTML 70Page - Texas Instruments ADS5295IPFP Datasheet HTML 71Page - Texas Instruments ADS5295IPFP Datasheet HTML 72Page - Texas Instruments ADS5295IPFP Datasheet HTML 73Page - Texas Instruments ADS5295IPFP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
PROGRAMMABLE MAPPING BETWEEN INPUT CHANNELS AND OUTPUT PINS
The ADS5295 has 16 pairs of LVDS channel outputs. The mapping of ADC channels to LVDS output channels is
programmable to allow for flexibility in board layout. The control register mapping is shown in Table 15. The 16
LVDS channel outputs are split into two groups of eight LVDS pairs. Within each group, four ADC input channels
can be multiplexed to the eight LVDS pairs, depending on the mode of operation (one-wire mode or two-wire
mode).
Table 15. Mapping Control Registers
ADDRESS
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(Hex)
1
X
X
X
X
MAP_CH1234_TO_OUT1A
50
1
X
X
X
X
MAP_CH1234_TO_OUT1B
1
X
X
X
X
MAP_CH1234_TO_OUT2A
1
X
X
X
X
MAP_CH1234_TO_OUT2B
51
1
X
X
X
X
MAP_CH1234_TO_OUT3A
1
X
X
X
X
MAP_CH1234_TO_OUT3B
1
X
X
X
X
MAP_CH1234_TO_OUT4A
52
1
X
X
X
X
MAP_CH1234_TO_OUT4B
1
X
X
X
X
MAP_CH5678_TO_OUT5B
53
1
X
X
X
X
MAP_CH5678_TO_OUT5A
1
X
X
X
X
MAP_CH5678_TO_OUT6B
1
X
X
X
X
MAP_CH5678_TO_OUT6A
54
1
X
X
X
X
MAP_CH5678_TO_OUT7B
1
X
X
X
X
MAP_CH5678_TO_OUT7A
1
X
X
X
X
MAP_CH5678_TO_OUT8B
55
1
X
X
X
X
MAP_CH5678_TO_OUT8A
Input channels 1 to 4 can be mapped to any LVDS output (OUT1A, OUT1B to OUT4A, OUT4B) using the
MAP_CH1234_TO_OUTnA, MAP_CH1234_TO_OUTnB bits, as shown in Table 16.
Table 16. Multiplexing IN1 to IN4
MAP_CH1234_TO_OUTN[3:0](1)
MAPPING
USED IN ONE-WIRE MODE?
USED IN TWO-WIRE MODE?
0000
ADC input channel IN1 to OUTn
Y
Y (LSB byte)
ADC input channel IN1 to OUTn
0001
N
Y (MSB byte)
(two-wire only)
0010
ADC input channel IN2 to OUTn
Y
Y (LSB byte)
ADC input channel IN2 to OUTn
0011
N
Y (MSB byte)
(two-wire only)
0100
ADC input channel IN3 to OUTn
Y
Y (LSB byte)
ADC input channel IN3 to OUTn
0101
N
Y (MSB byte)
(two-wire only)
0110
ADC input channel IN4 to OUTn
Y
Y (LSB byte)
ADC input channel IN4 to OUTn
0111
N
Y (MSB byte)
(two-wire only)
LVDS output buffer OUTn
1xxx
—
—
powered down
(1)
n = 1A, 1B, 2A, 2B, 3A, 3B, 4A, or 4B.
70
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com