Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5295IPFP Datasheet HTML 1Page - Texas Instruments ADS5295IPFP Datasheet HTML 2Page - Texas Instruments ADS5295IPFP Datasheet HTML 3Page - Texas Instruments ADS5295IPFP Datasheet HTML 4Page - Texas Instruments ADS5295IPFP Datasheet HTML 5Page - Texas Instruments ADS5295IPFP Datasheet HTML 6Page - Texas Instruments ADS5295IPFP Datasheet HTML 7Page - Texas Instruments ADS5295IPFP Datasheet HTML 8Page - Texas Instruments ADS5295IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
Check for Samples: ADS5295
1
FEATURES
DESCRIPTION
The ADS5295 is a low-power, 12-bit, 100-MSPS, 8-
2
•
Maximum Sample Rate: 100 MSPS
channel analog-to-digital converter (ADC). Low power
•
Designed for Low Power:
consumption and integration of multiple channels in a
–
80 mW per channel at 100 MSPS
compact package make the device attractive for very
high channel count data acquisition systems.
•
SNR: 70.6 dBFS
•
SFDR: 85 dBc at 10 MHz, 100 MSPS
Serial
low-voltage
differential
signaling
(LVDS)
outputs reduce the number of interface lines and
•
Serial LVDS ADC Data Outputs:
enable high system integration. The ADC digital data
–
One- or Two-Wire Serialized LVDS Outputs
can be output over one or two wires of LVDS pins per
per Channel
channel. At high sample rates, the two-wire interface
–
One-Wire Interface:
helps keep the serial data rate low, allowing low-cost
field-programmable
gate
array
(FPGA)-based
Up to 80 MSPS Sample Rate
receivers to be used.
–
Two-Wire Interface:
Up to 100 MSPS Sample Rate
The device integrates an internal reference trimmed
to
accurately
match
across
devices.
Best
•
Digital Processing Block:
performance is expected to be achieved through the
–
Programmable FIR Decimation Filter and
internal reference mode. However, the device can be
Oversampling to Minimize Harmonic
driven with external references as well.
Interference
Several digital functions that are commonly used in
–
Programmable IIR High-Pass Filter to
systems are included in the device. These functions
Minimize DC Offset
include a low-frequency suppression mode, digital
–
Programmable Digital Gain: 0 dB to 12 dB
filtering options, and programmable mapping.
•
Low-Frequency Noise Suppression Mode
For
low
input
frequency
applications,
the
low-
•
Programmable Mapping Between ADC Input
frequency noise suppression mode enables noise
suppression at low frequencies and improves signal-
Channels and LVDS Output Pins
to-noise ratio (SNR) in the 1-MHz band near dc by
•
Channel Averaging Mode
approximately 3 dB. Digital filtering options include
•
Variety of LVDS Test Patterns to Verify
low-pass, high-pass, and band-pass digital filters, as
Data Capture by FPGA or Receiver
well as dc offset removal filters. The device also
provides programmable mapping of the LVDS output
•
Package: 12-mm × 12-mm QFP-80
pins and analog input channels. For applications
where the 12-bit ADC SNR is not required, the
APPLICATIONS
ADS5295 can be configured as an 8-channel, 10-bit
•
Ultrasound Imaging
ADC with 10x LVDS serialization to reduce the output
data rate.
•
Communication Applications
•
Multichannel Data Acquisition
The device is available in a 12-mm × 12-mm QFP-80
package. The ADS5295 is specified over the –40°C
to +85°C operating temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5295IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5295IPFP TI-ADS5295IPFP Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
More results

Similar Description - ADS5295IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661 TI-THS5661 Datasheet
755Kb / 29P
12-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5295 TI-ADS5295 Datasheet
2Mb / 91P
12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
12-Bit, 80 MSPS Analog-To-Digital Converter
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5661 TI1-THS5661_05 Datasheet
784Kb / 30P
12-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com