Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 81 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 81 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 77Page - Texas Instruments ADS5295IPFP Datasheet HTML 78Page - Texas Instruments ADS5295IPFP Datasheet HTML 79Page - Texas Instruments ADS5295IPFP Datasheet HTML 80Page - Texas Instruments ADS5295IPFP Datasheet HTML 81Page - Texas Instruments ADS5295IPFP Datasheet HTML 82Page - Texas Instruments ADS5295IPFP Datasheet HTML 83Page - Texas Instruments ADS5295IPFP Datasheet HTML 84Page - Texas Instruments ADS5295IPFP Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
tDR
tCR
tDF
DATA
LCLKN
LCLKP
tCF
ADS5295
www.ti.com
SBAS595 – DECEMBER 2012
PROGRAMMABLE LVDS OUTPUT CLOCK AND DATA EDGES
The ADS5295 enables the edges of the output data and output bit clock to be programmed with the
DELAY_DATA and DELAY_LCLK register bits.
Figure 74 details the timing of the output data and clock edge movements.Table 22 and Table 23 show the
register settings and corresponding delay values for the data and clock edge movements.
Figure 74. LVDS Interface Output Data and Clock Edge Movement
Table 22. LVDS Interface Output Data Delay Settings(1)
DATA DELAY, RISING CLOCK
DATA DELAY, FALLING CLOCK
EDGE
EDGE
DELAY_DATA_R[1:0]
tDR, Typical (ps)
DELAY_DATA_F[1:0]
tDF, Typical (ps)
0
0
0
0
0
0
0
1
33
0
1
33
1
0
72
1
0
72
1
1
120
1
1
120
(1)
Delay settings are the same for both 10x and 12x serialization modes.
Table 23. LVDS Interface Output Clock Delay Settings(1)
CLOCK RISING EDGE DELAY
CLOCK FALLING EDGE DELAY
DELAY_LCLK_R[2:0]
tCR, Typical (ps)
DELAY_LCLK_F[2:0]
tCF, Typical (ps)
0
0
0
0
0
0
0
0
0
0
1
33
0
0
1
33
0
1
0
72
0
1
0
72
0
1
1
120
0
1
1
120
1
0
0
106
1
0
0
106
1
0
1
159
1
0
1
159
1
1
0
202
1
1
0
202
1
1
1
244
1
1
1
244
(1)
Delay settings are the same for both 10x and 12x serialization modes.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
81
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com