Electronic Components Datasheet Search
  English  ▼

X  

ADS5295IPFP Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS5295IPFP
Description  12-Bit, 100-MSPS, 8-Channel Analog-to-Digital Converter
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5295IPFP Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5295IPFP Datasheet HTML 26Page - Texas Instruments ADS5295IPFP Datasheet HTML 27Page - Texas Instruments ADS5295IPFP Datasheet HTML 28Page - Texas Instruments ADS5295IPFP Datasheet HTML 29Page - Texas Instruments ADS5295IPFP Datasheet HTML 30Page - Texas Instruments ADS5295IPFP Datasheet HTML 31Page - Texas Instruments ADS5295IPFP Datasheet HTML 32Page - Texas Instruments ADS5295IPFP Datasheet HTML 33Page - Texas Instruments ADS5295IPFP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
ADS5295
SBAS595 – DECEMBER 2012
www.ti.com
SERIAL INTERFACE REGISTERS MAP
Table 7 lists the ADS5295 registers.
Table 7. Register Map
REGISTER
ADDRESS
(Hex)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
RST
EN_HIGH_
EN_
01
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ADDRS
READOUT
0A
RAMP_PAT_RESET_VAL
PDN_PIN_
PDN_
PDN_
0F
0
0
0
0
0
PDN_CH[8:1]
CFG
COMPLETE
PARTIAL
14
0
0
0
0
0
0
0
0
LFNS_CH[8:1]
EN_FRAME
1C
0
0
0
ADCLKOUT[11:0]
_PAT
23
PRBS_SEED[15:0]
24
PRBS_SEED[22:16]
0
INVERT_CH[8:1]
PRBS_
TP_HARD_
PRBS_
PRBS_
TP_SOFT_
25
SEED_
0
0
0
0
TEST_PATT[2:0]
BITS_CUSTOM2[11:10]
BITS_CUSTOM1[11:10]
SYNC
MODE_2
TP_EN
SYNC
FROM_REG
26
BITS_CUSTOM1[9:0]
0
0
0
0
0
0
27
BITS_CUSTOM2[9:0]
0
0
0
0
0
0
EN_WORD
EN_BIT
28
0
0
0
0
0
0
EN_WORDWISE_BY_CH[7:0]
_BIT_WISE
_WISE
EN_
EN_DIG_
29
0
0
0
0
0
0
0
0
0
0
0
0
0
0
CHANNEL_
FILTER
AVG
2A
GAIN_CH4[3:0]
GAIN_CH3[3:0]
GAIN_CH2[3:0]
GAIN_CH1[3:0]
2B
GAIN_CH5[3:0]
GAIN_CH6[3:0]
GAIN_CH7[3:0]
GAIN_CH8[3:0]
2C
0
0
0
0
0
AVG_OUT4[1:0]
0
AVG_OUT3[1:0]
0
AVG_OUT2[1:0]
0
AVG_OUT1[1:0]
2D
0
0
0
0
0
AVG_OUT8[1:0]
0
AVG_OUT7[1:0]
0
AVG_OUT6[1:0]
0
AVG_OUT5[1:0]
USE_
HPF_EN_
SEL_ODD_
2E
0
HPF_CORNER_CH1[3:0]
FILTER_TYPE_CH1[2:0]
DEC_RATE_CH1
0
0
FILTER_
CH1
TAP_CH1
CH1
USE_
HPF_EN_
SEL_ODD_
2F
0
HPF_CORNER_CH2[3:0]
FILTER_TYPE_CH2[2:0]
DEC_RATE_CH2
0
0
FILTER_
CH2
TAP_CH2
CH2
USE_
HPF_EN_
SEL_ODD_
30
0
HPF_CORNER_CH3[3:0]
FILTER_TYPE_CH3[2:0]
DEC_RATE_CH3
0
0
FILTER_
CH3
TAP_CH3
CH3
USE_
HPF_EN_
SEL_ODD_
31
0
HPF_CORNER_CH4[3:0]
FILTER_TYPE_CH4[2:0]
DEC_RATE_CH4
0
0
FILTER_
CH4
TAP_CH4
CH4
USE_
HPF_EN_
SEL_ODD_
32
0
HPF_CORNER_CH5[3:0]
FILTER_TYPE_CH5[2:0]
DEC_RATE_CH5
0
0
FILTER_
CH5
TAP_CH5
CH5
USE_
HPF_EN_
SEL_ODD_
33
0
HPF_CORNER_CH6[3:0]
FILTER_TYPE_CH6[2:0]
DEC_RATE_CH6
0
0
FILTER_
CH6
TAP_CH6
CH6
30
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADS5295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com