Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 13Page - Monolithic Power Systems MP8796B Datasheet HTML 14Page - Monolithic Power Systems MP8796B Datasheet HTML 15Page - Monolithic Power Systems MP8796B Datasheet HTML 16Page - Monolithic Power Systems MP8796B Datasheet HTML 17Page - Monolithic Power Systems MP8796B Datasheet HTML 18Page - Monolithic Power Systems MP8796B Datasheet HTML 19Page - Monolithic Power Systems MP8796B Datasheet HTML 20Page - Monolithic Power Systems MP8796B Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
17
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
ALT#
AGND
IREF
ADC
PMBus
VTEMP
MS
System
Configure
Registers
ADDR
Hi-Z
MN1
MTP
CC2
Temp
Sense
CC1
MN3
MN2
2MΩ
SW
VIN
Comp1
Gm1
RAMP
Drivers
+
-
S
Q
xQ
FB
+
R
O
R
tON Generator
O
I
OneShot 2
VTEMP
-
+
VOSNS+
Control
Logic
SW
VIN
PGND
ISUM
Gm2
-
+
PS#
PG
+
ADC
Soft
Start
FB
Monitor
FB
ZCD
REF
MUX
PWM
ISUM
ISEN
DAC
BST
ILIM
Valley Current Limit
In
Out
Blank
ISEN
REF
PASS
VDRV
CTRL
FB
VIN
VCC
IS1
VOSNS-
Master
Direction
LDO
-
FB
Gain
IS2
Take Pass
Logic
TAKE
References
Bias Current
Generator
LS Current Sense
RUN
SET
SDA
SCL
VCOMP
COMP-OUT
SET
20MHz
FB+RAMP
Slave Fault
SS_RDY
Slave Fault
Detect
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com