Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 45 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 45 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems MP8796B Datasheet HTML 49Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
45
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MFR_CTRL_OPS (D2h)
The MFR_CTRL_OPS command sets the switching frequency and light-load operation mode of the
MP8796B.
Bits
Name
Access
Behavior
Default
Description
[7:3]
RESERVED
00000
[2:1]
SWITCHING_
FREQUENCY
R/W
Live
10
00: Set fSW to 400kHz
01: Set fSW to 600kHz
10: Set fSW to 800kHz
11: Set fSW to 1000kHz
[0]
SKIP_CCM
(SYNC)
R/W
Live
1
0: Pulse-skip mode at light load
1: Forced CCM at light load
The default value of D2h is 0x05.
MFR_ADDR_PMBUS (D3h)
Command
MFR_ADDR_PMBUS
Format
Direct
Bit
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Enable
ADDR
Default Value
1
0
1
1
0
0
0
0
Bit[7] (enable bit):
1: The address is decided by MFR_ADDR_PMBUS [6:0]
0: The address is decided by the ADDR pin
The default value of D3h is 0xB0.
MFR_VOUT _OVP_FAULT_LIMIT (D4h)
This MFR_VOUT _FAULT_LIMIT command sets the thresholds for UVP and OVP.
Bits
Name
Access
Behavior
Default
Description
[7:4]
RESERVED
0000
[3:2]
OV_EXIT_
TH
R/W
Live
11
Sets the OVP exit threshold.
00: 10% of VREF
01: 50% of VREF
10: 80% of VREF
11: 102.5% of VREF
[1:0]
OV_TH
R/W
Live
10
Sets the OVP entry threshold.
00: 115% of VREF
01: 120% of VREF
10: 125% of VREF
11: 130% of VREF
The above thresholds are relative values of the reference voltage. The default value of D4h is 0x0E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com