Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 22Page - Monolithic Power Systems MP8796B Datasheet HTML 23Page - Monolithic Power Systems MP8796B Datasheet HTML 24Page - Monolithic Power Systems MP8796B Datasheet HTML 25Page - Monolithic Power Systems MP8796B Datasheet HTML 26Page - Monolithic Power Systems MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
26
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for stable
operation. For the best results, refer to Figure 9
and follow the guidelines below:
1. Place the input MLCC capacitors as close
to the IN and PGND pins as possible.
2. Place one 1μF to 4.7μF 0402 MLCC near
pin 1.
3. Place the major MLCC capacitors on the
same layer as the MP8796B.
4. Maximize the VIN and PGND copper plane
to minimize the parasitic impedance.
5. Place as many PGND vias as possible
close to the pin to minimize parasitic
impedance and thermal resistance.
6. Place a VCC decoupling capacitor close to
the device.
7. Connect AGND and PGND at the point of
the VCC capacitor’s ground connection.
8. Place the BST capacitor as close to BST
and SW as possible.
9. Use a trace width of 20 mils or higher to
route the path (a 0.1μF to 1µF bootstrap
capacitor is recommended).
10. Place an REF capacitor close to TRK/REF
to RGND.
11. Place one 10pF to 100pF MLCC between
the two remote sense lines.
PGND
VOUT
SW
VIN
CIN3
RFB2
PGND
VOSENSE+
VOSENSE-
Vcc
PGND
Figure 9: Recommended PCB Layout (Placement and Top Layer PCB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com