Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 46 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 46 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems MP8796B Datasheet HTML 49Page - Monolithic Power Systems MP8796B Datasheet HTML 50Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
46
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MFR_OVP_NOCP_SET (D5h)
This MFR_OVP_NOCP_SET command sets the responses of the output voltage OVP.
Bits
Name
Access
Behavior
Default
Description
[7:4]
RESERVED
0000
[3]
DELAY_NOCP
(D400)
R/W
Live
0
0: 100ns delay after NOCP
1: 200ns delay after NOCP
[2]
NOCP
R/W
Live
0
0: Set NOCP to -10A
1: Set NOCP to -15A
[1:0]
VOUT_OV
_Response
R/W
Live
00
00: Latch off with output voltage discharge
01: Latch off without output voltage discharge in DCM
10: Hiccup with output voltage discharge
11: Hiccup without output voltage discharge in DCM
Bit[1:0] of the MFR_OVP_NOCP_SET command tells the converter what action to take in response to
an output over-voltage fault. The device also:
Sets the VOUT_OV bit in STATUS_BYTE
Sets the VOUT bit in STATUS_WORD
Sets the VOUT over-voltage fault bit in the STATUS_VOUT command
Notifies the host by asserting the ALERT pin
There are four OVP response modes that can be chosen through bit[1:0] of MFR_VOUT_OVP_
NOCP_SET:
Latch off with output discharge: Once the MP8796B reaches the OV entry threshold, the LS-FET
turns on until the MP8796B reaches NOCP. The MP8796B turns off for a fixed amount of time then
turns on again. This operation repeats until FB drops below the OVP exit threshold set by register
D4[3:2]. Then the LS-FET turns off. If FB rises beyond the OV entry threshold again, the LS-FET is
turns on again to discharge the output voltage. However, the converter does not attempt to restart
until the power of either VIN, VCC, or CTRL is recycled.
Latch off without output discharge (only effective in DCM): Once the MP8796B reaches the OV
entry threshold, the LS-FET turns on. When the inductor current crosses zero, the converter enters
Hi-Z mode (output disabled). The converter stops discharging the output voltage. The converter
does not attempt to restart until the power of either VIN, VCC, or CTRL is recycled.
Hiccup with output discharge: Once the MP8796B reaches the OV entry threshold, the LS-FET
remains on until the MP8796B reaches NOCP. The MP8796B turns off for a fixed amount of time
then turns on again. This operation repeats until FB drops below the OVP exit threshold set by
register D4[3:2]. Then the LS-FET turns off, and a new SS is initiated.
Hiccup without output discharge (only effective in DCM): Once the MP8796B reaches OV, the LS-
FET remains on until the MP8796B reaches NOCP. Then a new SS is initiated.
The default value of D5h is 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com