Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 10Page - Monolithic Power Systems MP8796B Datasheet HTML 11Page - Monolithic Power Systems MP8796B Datasheet HTML 12Page - Monolithic Power Systems MP8796B Datasheet HTML 13Page - Monolithic Power Systems MP8796B Datasheet HTML 14Page - Monolithic Power Systems MP8796B Datasheet HTML 15Page - Monolithic Power Systems MP8796B Datasheet HTML 16Page - Monolithic Power Systems MP8796B Datasheet HTML 17Page - Monolithic Power Systems MP8796B Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
14
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT=1.2V, TA=+25°C, unless otherwise noted.
Start-Up through CTRL
DCM, IOUT = 0A, single phase
Start-Up through CTRL
DCM, IOUT = 30A, single phase
CH1: VCTRL
2V/div.
CH2: VOUT
1V/div.
CH3: IL
10A/div.
CH4: VPGOOD
5V/div.
CH1: VCTRL
2V/div.
CH2: VOUT
1V/div.
CH3: IL
10A/div.
CH4:
VPGOOD
5V/div.
1ms/div.
1ms/div.
Shutdown through CTRL
CCM, IOUT = 0A, single phase
Shutdown through CTRL
CCM, IOUT = 30A, single phase
CH1: VCTRL
2V/div.
CH2: VOUT
1V/div.
CH3: IL
10A/div.
CH4: VPGOOD
5V/div.
CH1: VCTRL
2V/div.
CH2: VOUT
1V/div.
CH3: IL
10A/div.
CH4:
VPGOOD
5V/div.
20ms/div.
20ms/div.
Shutdown through CTRL
DCM, IOUT = 0A, single phase
Shutdown through CTRL
DCM, IOUT = 30A, single phase
CH1: VCTRL
2V/div.
CH2: VOUT
1V/div.
CH3: IL
10A/div.
CH4: VPGOOD
5V/div.
CH1: VCTRL
2V/div.
CH2: VOUT
1V/div.
CH3: IL
10A/div.
CH4:
VPGOOD
5V/div.
20ms/div.
20ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com