Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 40 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 40 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
40
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TOFF_DELAY (64h)
The TOFF_DELAY command sets the time in ms from EN off to the moment when the output starts to
fall.
command
TOFF_DELAY
format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
4ms/LSB
Default value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
The value is unsigned and 1LSB=4ms. The maximum value is FFh (1020ms). The default value is 0ms.
STATUS_BYTE (78h)
The STATUS_BYTE command returns the value of a number of flags indicating the state of the
MP8796B. Accesses to this command should use the read byte protocol. To clear bits in this register,
the underlying fault should be removed and a CLEAR_FAULTS command should be issued.
Bits
Name
Behavior
Default
Description
[7]
RESERVED
0
Always read as 0.
[6]
OFF
Live
0
0: Part enabled
1: Part disabled. This can be due to an VIN UV/OV fault,
or the OPERATION command turning off
[5]
VOUT_OV
0
An output over-voltage fault has occurred.
[4]
IOUT_OC_FAULT
Latched
0
0: No over-current fault detected
1: Over-current fault detected
[3]
VIN_UV
0
Not supported, always read as 0.
[2]
OT_FAULT_WARN
Live
0
0: No over-temperature warning or fault detected
1: Over-temperature warning or fault detected
[1]
COMM_ERROR
Latched
0
0: No communication error detected
1: Communication error detected
[0]
NONE_OF_THE_ABOVE
Live
0
0: No other fault or warning
1: Fault or warning not listed in bit[7:1] has occurred
STATUS_WORD (79h)
The STATUS_WORD returns the value of a number of flags indicating the state of the MP8796B. To
clear bits in this register, the underlying fault should be removed and a CLEAR_FAULTS command
should be issued.
Bits
Name
Behavior
Default
Description
[15]
VOUT_STATUS
Live
0
0: No output fault or warning
1: Output fault or warning
[14]
IOUT_STATUS
Live
0
0: No IOUT fault
1: IOUT fault
[13]
VIN_STATUS
Live
0
0: No VIN fault
1: VIN fault, at the period when VIN starts up, the initial flag
is 1 before VIN passes the UVLO threshold. The flag is
cleared once VIN passes the UVLO threshold
[12]
MFR_STATUS
0
Always read as 0.
[11]
POWER_GOOD#
Live
0
0: Power good signal is asserted
1: Power good signal is not asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com