Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 14Page - Monolithic Power Systems MP8796B Datasheet HTML 15Page - Monolithic Power Systems MP8796B Datasheet HTML 16Page - Monolithic Power Systems MP8796B Datasheet HTML 17Page - Monolithic Power Systems MP8796B Datasheet HTML 18Page - Monolithic Power Systems MP8796B Datasheet HTML 19Page - Monolithic Power Systems MP8796B Datasheet HTML 20Page - Monolithic Power Systems MP8796B Datasheet HTML 21Page - Monolithic Power Systems MP8796B Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
18
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MULTI-PHASE OPERATION
SDA
ALT
EN
IN
SW
VIN
MP8796B
VOUT
CVCC
L1
COUT
EN
RADDR
SCL
L2
R4
RREF
EN
IN
SW
MP8796B
CVCC1
Ln
EN
IN
SW
MP8796B
CVCCn
MASTER
SLAVE1
SLAVEn
BST
CBST
BST
CBST1
BST
CBSTn
FB
VOS+
VOS-
VOS+
VOS-
RADDR1
RREF1
FB
VOS+
VOS-
RADDRn
RREFn
FB
VOS+
VOS-
Figure 3: Multi-Phase (n + 1) Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com