Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
33
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Ctrl
The ctrl bit controls how the converter responds to the CTRL pin.
Bit[2] Value
Meaning
0
Converter ignores the CTRL pin (on/off function is controlled by the OPERATION command).
1
Converter requires the CTRL pin to be asserted to power up. Depending on the bit[3] op bit, the
OPERATION command may also be required to instruct the converter to power up.
Pol_ctrl
The pol_ctrl bit sets the polarity of the CTRL pin.
Bit[1] Value
Meaning
0
Active low (pull the CTRL pin low to start the converter).
1
Active high (pull the CTRL pin high to start the converter).
Delay
The delay bit sets the turn-off action when the converter is commanded to turn off through the PMBus.
This bit is read-only and cannot be modified by the end user.
Bit[0] Value
Meaning
0
TOFF_DELAY, TOFF_FALL
CLEAR_FAULTS (03h)
The CLEAR_FAULTS command resets all stored warning and fault flags. If a fault or warning condition
still remains when the CLEAR_FAULTS command is issued, the ALT# signal may not be cleared or is
reasserted almost immediately. Issuing a CLEAR_FAULTS command will not cause the converter to
restart in the event of a fault shutdown. The converter restart must be done by issuing an OPERATION
command after the fault condition is cleared. This command uses the PMBus to send the byte protocol.
WRITE_PROTECT (10h)
The WRITE_PROTECT command controls writes to the converter. This command provides protection
against accidental changes. This command is not intended to provide protection against deliberate
changes to the converter’s configuration or operation.
All the supported commands may have their parameters read, regardless of the WRITE_PROTECT
settings.
Bit[7:0] Value
Meaning
0
0
0
0
0
0
0
0
Enable writes to all commands.
0
0
1
0
0
0
0
0
Disable all writes except to the WRITE_PROTECT, OPERATION, PAGE, ON_OFF_
CONFIG, and VOUT_COMMAND commands.
0
1
0
0
0
0
0
0
Disable all writes except to the WRITE_PROTECT, OPERATION, and PAGE
commands.
1
0
0
0
0
0
0
0
Disable all writes except to the WRITE_PROTECT command.
When 10h is set to a value other than 0x00, in order to program the MTP, 15h must be programmed
through the MPS GUI. A separate MTP command on E7h cannot be used. See the Multi-Time
Programming (MTP) section on page 30 for details on MTP programming.
The default value of 10h is 0x00.
STORE_USER_ALL (15h)
This command writes all data from the registers to the internal MTPs. This process operates when the
MP8796B receives a STORE_USER_ALL command from the PMBus interface. Currently, the
MP8796B does not support a standard 15h command, but it can accept a 15h command from MPS’s
GUI software for the MP8796B. See the Multi-Time Programming (MTP) section on page 30 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com