Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 16Page - Monolithic Power Systems MP8796B Datasheet HTML 17Page - Monolithic Power Systems MP8796B Datasheet HTML 18Page - Monolithic Power Systems MP8796B Datasheet HTML 19Page - Monolithic Power Systems MP8796B Datasheet HTML 20Page - Monolithic Power Systems MP8796B Datasheet HTML 21Page - Monolithic Power Systems MP8796B Datasheet HTML 22Page - Monolithic Power Systems MP8796B Datasheet HTML 23Page - Monolithic Power Systems MP8796B Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
20
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
MCOT OPERATION
The MP8796B is a fully integrated, synchronous,
step-down, switch-mode converter that uses
multi-phase constant-on-time (MCOT) control to
provide fast transient response. Selectable
internal ramp compensation stabilizes the
system and makes the MP8796B easy to use.
Master/Slave Auto-Detection
One master phase is required for both single-
and multiple-phase operation. To be configured
as a master phase, the TAKE pin of the phase
must be pulled high to a voltage source. The
PASS/TAKE pins of all the phases are
connected in a daisy chain configuration. The
PASS pin of the last phase is connected back
to the TAKE pin of the first (master) phase. For
single-phase operation, the PASS and TAKE
pins are connected together. After power-up,
the master phase is determined, and the rest of
the phases are slave phases.
MCOT Operation (Master)
The master phase has the following functions:
Accepts both write and read commands
through the system’s PMBus
Generates the SET signals
Manages start-up, shutdown, and all
protections
Monitors fault alerts from the slave phases
through the PG pin
Starts the first on pulse
Starts the on pulse when receiving RUN
and SET signals
Determines the on-pulse width of its own
phase based on the per-phase and total
current
Carries on the PASS/TAKE signal
MCOT Operation (Slave)
The slave phase has the following functions:
Accepts write commands through the
system’s PMBus
Takes the SET signal from the master
Sends an OV/UV/OT alert to the master
through PG
Starts the on pulse when receiving RUN
and SET signals
Determines the on-pulse width of its own
phase based on the per-phase and total
current
Carries on the PASS/TAKE signal
Figure 3 on page 18 shows MCOT operation.
MCOT operation follows the timeline below:
t0: At t0, VFB + RAMP drops below the
reference level (VCOMP) in the master phase and
generates a SET signal. All phases receive this
SET signal, but only the phase that has the
active RUN signal takes action (in this case, the
master). The master turns on the high-side
MOSFET (HS-FET). Meanwhile, a fixed on
pulse is generated on the PASS pin, and this
signal is passed to the TAKE pin of Slave 1.
t1: At t1, the falling edge of Slave 1’s TAKE pin
activates the RUN signal, and Slave 1 waits for
the SET signal to turn on the HS-FET.
t2: At t2, the on pulse of the master phase
expires, and the HS-FET turns off. The on-
pulse width is fixed with the given input voltage,
output
voltage,
and
selected
switching
frequency. The on-pulse width is fine-tuned
based on the per-phase and total currents.
t3: At t3, VFB + RAMP drops below the
reference level (VCOMP) in the master phase
again. Only Slave 1 has an active RUN signal,
and it turns on its HS-FET. All other phases
ignore this SET signal. Meanwhile, Slave 1
generates a fixed on pulse on the PASS pin,
and this on pulse is passed to the TAKE pin of
Slave 2.
The above operation continues, and the phase
turns on its HS-FETs one by one for a fixed on
time. The operation is executed during a
PASS/TAKE loop, and only the phase that has
received the RUN signal turns on the HS-FET
when the SET signal is ready.
The MP8796B utilizes constant-on-time (COT)
control for fast load transient response. When a
load step-up occurs, the FB signal is below
REF, so the SET signal is generated more
frequently than during steady state to respond
to the load transient. This is based on the load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com