Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 21Page - Monolithic Power Systems MP8796B Datasheet HTML 22Page - Monolithic Power Systems MP8796B Datasheet HTML 23Page - Monolithic Power Systems MP8796B Datasheet HTML 24Page - Monolithic Power Systems MP8796B Datasheet HTML 25Page - Monolithic Power Systems MP8796B Datasheet HTML 26Page - Monolithic Power Systems MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
25
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
AC current to the converter while maintaining
the DC input voltage. Use ceramic capacitors
for the best performance. During the layout
stage, place the input capacitors as close to the
IN pin as possible.
The capacitance can vary significantly with
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over a wide temperature
range.
The capacitors must also have a ripple current
rating that exceeds the converter’s maximum
input ripple current. Estimate the input ripple
current with Equation (1):
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
(1)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (2):
2
I
I
OUT
CIN 
(2)
For simplification, choose an input capacitor
with an RMS current rating that exceeds half
the maximum load current.
The input capacitance value determines the
converter
input
voltage
ripple.
Select
a
capacitor value that can meet any input voltage
ripple requirements.
Estimate the input voltage ripple with Equation
(3):
)
1
(
IN
OUT
IN
OUT
IN
SW
OUT
IN
V
V
V
V
C
f
I
V
(3)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (4):
IN
SW
OUT
IN
C
f
I
V
4
1
(4)
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage. The output voltage ripple can be
estimated with Equation (5):
)
8
1
(
)
1
(
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
C
f
R
V
V
L
f
V
V
(5)
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency, and causes most of the
output
voltage
ripple.
For
simplification,
estimate the output voltage ripple with Equation
(6):
)
1
(
8
2
IN
OUT
OUT
SW
OUT
OUT
V
V
C
L
f
V
V
(6)
When using capacitors with a larger ESR (e.g.
POSCAP, OSCON), the ESR dominates the
switching frequency impedance. The output
voltage ripple can be determined by the ESR
values. For simplification, the output ripple can
be calculated with Equation (7):
ESR
IN
OUT
SW
OUT
OUT
R
V
V
L
f
V
V
)
1
(
(7)
Selecting the Inductor
The inductor supplies constant current to the
output load while being driven by the switching
input voltage. A larger-value inductor results in
less ripple current and a lower output ripple
voltage, but also has a larger physical size,
higher series resistance, and lower saturation
current. Select an inductor value that sets the
inductor peak-to-peak ripple current between
30% and 40% of the maximum switch current
limit. Design for a peak inductor current that is
below the maximum switch current limit.
Calculate the inductance value with Equation
(8):
)
1
(
IN
OUT
L
SW
OUT
V
V
I
f
V
L
(8)
Where ∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can
be
calculated
with
Equation (9):
)
1
(
2
IN
OUT
SW
OUT
OUT
LP
V
V
L
f
V
I
I
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com