Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 2Page - Monolithic Power Systems MP8796B Datasheet HTML 3Page - Monolithic Power Systems MP8796B Datasheet HTML 4Page - Monolithic Power Systems MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems MP8796B Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
6
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
24
VCC
Internal 3.3V LDO output. VCC powers the analog and digital control circuits. Decouple
VCC with a minimum 4.7µF ceramic capacitor, placed as close to VCC as possible. X7R
or X5R-grade dielectric ceramic capacitors are recommended. During MTP programming,
a 5V voltage with a 300ms period may be observed on VCC. The VCC pin does not
accept external voltage bias. For multi-phase applications, connect the VCC pins of all
phases together.
25
BST
Bootstrap. A capacitor connected between SW and BS is required to form a floating
supply across the high-side switch driver.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ...................................... 18V
VIN - VSW (DC)................................-0.3V to +18.3V
VIN - VSW (25nc) .................................... -5V to +25V
VSW (DC)........................................-0.3V to +18.3V
VSW (25ns) (2)......................................... -5V to +25V
VBST.............................................................22.3V
VBST - VSW (25ns) (2) ............................................. 5V
VCC, VDRV ..................................................... 4.5V
VCC (1s) (3).......................................................... 6V
All other pins ................................ -0.3V to +4.3V
All other pins (1s) (3)........................................... 6V
Junction temperature ................................ 170°C
Lead temperature...................................... 260°C
Storage temperature.................-65°C to +170°C
ESD Rating
Human-body model (HBM)......................... ±1kV
Charged-device model (CDM)................... ±2kV
Recommended Operating Conditions (4)
Supply voltage (VIN) ............................ 4V to 16V
Output voltage (VOUT)...................... 0.6V to 5.5V
External VDRV bias ........................... 2.9V to 3.6V
Operating junction temp (TJ).....-40°C to +125°C
Thermal Resistance (5)
θJB θJC_TOP
TQFN-25 (4mmx5mm)......... 1.8 ....... 6.3 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Specified
by
design.
Measured
using
a
differential
oscilloscope probe.
3) Voltage rating during MTP programming.
4) The device is not guaranteed to function outside of its
operating conditions.
5) θJB is the thermal resistance from the junction to the board
around the PGND soldering point.
θJC_TOP is the thermal resistance from the junction to the top of
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com