Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 47 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 47 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems MP8796B Datasheet HTML 49Page - Monolithic Power Systems MP8796B Datasheet HTML 50Page - Monolithic Power Systems MP8796B Datasheet HTML 51Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
47
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MFR_OT_OC_SET (D6h)
The MFR_OT_OC_SET command sets the responses of OCP, and sets the responses and hysteresis
of OTP. This is a 1-byte command.
Bits
Name
Access
Behavior
Default
Description
[7:4]
RESERVED
0000
[3]
OC_response
R/W
Live
0
0: Latch off, never retry
1: Retry
[2:1]
OT_hyst
R/W
Live
00
00: 20°C
01: 25°C
10: 30°C
11: 35°C
[0]
OT_Response
R/W
Live
0
0: Latch off, never retry
1: Retry after the temp drops by the value set by bit[2:1]
The MFR_OT_OC_SET command tells the converter which action to take in response to an over-
temperature fault and a total output over-current fault.
The default value of D6h is 0x00.
MFR_OC_PHASE_SET (D7h)
The MFR_OC_PHASE_SET command sets the inductor valley current limit of each individual phase.
This is a cycle-by-cycle current limit. After 31 consecutive cycles of an over-current (OC) condition,
OCP is triggered. This is a 1-byte command.
Bits
Name
Access
Behavior
Default
Description
[7:5]
RESERVED
000
[4:0]
OC_limit
R/W
Live
10101
Current limit. 1.5A/LSB, [00000] = 0A.
The value is unsigned, and 1LSB = 1.5A. The default value of D7h is 0x15, which corresponds to 31.5A
of the inductor valley current limit.
MFR_HICCUP_ITV_SET (D8h)
This MFR_HICCUP_ITV_SET command sets the hiccup interval during OCP. This is a 1-byte
command.
Bits
Name
Access
Behavior
Default
Description
[7:6]
RESERVED
00
[5:0]
Hiccup_itv
R/W
Live
000000
OC fault hiccup interval time.
000000: 4ms
1 LSB = 4ms
D8h is only effective when EAh bit[10] is set to 1 and reaches the total output current limit.
When EAh bit[10] is set to 0 or when it reaches the inductor valley current limit set by
MFR_OC_PHASE_LIMIT, the OCP hiccup time is about five times the soft-start time set by TON_RISE
(61h).
The default value of D8h is 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com