Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 48 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 48 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems MP8796B Datasheet HTML 49Page - Monolithic Power Systems MP8796B Datasheet HTML 50Page - Monolithic Power Systems MP8796B Datasheet HTML 51Page - Monolithic Power Systems MP8796B Datasheet HTML 52Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
48
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MFR _UVP_PGOOD_ON _LIMIT (D9h)
This MFR_UVP_PGOOD_ON_LIMIT command sets the thresholds UVP and PGOOD on. Any fault
condition will pull PG low. The default value of D9h is 0x09.
Bits
Name
Access
Behavior
Default
Description
[7:4]
RESERVED
0000
[3:2]
UV_TH
R/W
Live
10
Sets the UVP threshold. When FB drops below the UV_TH
level, the MP8796B enters UVP. The response of UVP is
the same as in OCP.
00: 69% of VREF
01: 74% of VREF
10: 79% of VREF
11: 84% of VREF
[1:0]
PG_ON
R/W
Live
01
Sets the threshold of FB at which PG is pulled high during
soft start. Once FB reaches the threshold, PG is pulled high
after the delay set by D1[5:2].
00: 90% of VREF
01: 92.5% of VREF
10: 95% of VREF
11: 97.5% of VREF
Any fault condition will pull PG low.
MFR_VOUT _STEP (DAh)
This MFR_VOUT_STEP command sets the slew rate of the output voltage transition after soft start
finishes. This command does not determine the output voltage slew rate during soft start.
Bits
Name
Access
Behavior
Default
Description
[7:4]
RESERVED
0000
[3:0]
Vout_step
R/W
Live
0100
0000: 20µs/2mV
1LSB = 2.5µs/2mV
The default value of DAh is 0x04.
MFR_LOW_POWER (E5h)
The MFR_LOW_POWER enables or disables the slave phases in multi-phase configuration.
Bits
Name
Access
Behavior
Default
Description
[7:2]
RESERVED
000000
[1]
LP_PS#
R/W
Live
0
0: Low-power mode is disabled regardless of PS#
1: Low-power mode is enabled when PS# is low, and
disabled when PS# is high
[0]
LP_PMBus
R/W
Live
0
0: Low-power mode is disabled through the PMBus
1: Low-power mode is enabled through the PMBus
The slave phases can be enabled/disabled directly through bit[0] of the MFR_LOW_POWER command.
When bit[1] of MFR_LOW_POWER is set to 1, the slave phases can be enabled or disabled by the
PS# pin. The master phase cannot be disabled through the MFR_LOW_POWER command. The
default value of E5h is 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com